Electronic Components Datasheet Search
  English  ▼

X  

LP38511 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38511 Datasheet(HTML) 3 Page - Texas Instruments

  LP38511 Datasheet HTML 1Page - Texas Instruments LP38511 Datasheet HTML 2Page - Texas Instruments LP38511 Datasheet HTML 3Page - Texas Instruments LP38511 Datasheet HTML 4Page - Texas Instruments LP38511 Datasheet HTML 5Page - Texas Instruments LP38511 Datasheet HTML 6Page - Texas Instruments LP38511 Datasheet HTML 7Page - Texas Instruments LP38511 Datasheet HTML 8Page - Texas Instruments LP38511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LP38511
www.ti.com
SNOSAU6E – NOVEMBER 2007 – REVISED APRIL 2013
OPERATING RATINGS
(1) (continued)
Junction Temperature(2)
−40°C to +125°C
(2)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA).
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = VIN. Limits in standard type are for TJ
= 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and
Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
2.25V
≤ VIN ≤ 5.5V
-1.0
+1.0
VOUT
Output Voltage Tolerance(1)
0
%
10 mA
≤ IOUT ≤ 800 mA
−2.5
+2.5
Output Voltage Line
0.02
ΔVOUT/ΔVIN
2.25V
≤ VIN ≤ 5.5V
-
-
%/V
Regulation(1)(2)
0.06
Output Voltage Load
0.25
ΔVOUT/ΔIOUT
10 mA
≤ IOUT ≤ 800 mA
-
-
%/A
Regulation(1)(3)
0.40
225
VDO
Dropout Voltage(4)
IOUT = 800 mA
-
135
mV
260
IOUT = 10 mA
11
-
7.5
12
ERROR pin = GND
Ground Pin Current, Output
mA
Enabled
IOUT = 800 mA
13
IGND
-
9.5
14
ERROR pin = GND
VEN = 0.50V
Ground Pin Current, Output
3.5
-
0.1
µA
Disabled
12
ERROR pin = GND
ISC
Short Circuit Current
VOUT = 0V
-
1.5
-
A
Enable Input
VEN rising from 0.50V until
0.90
1.50
VEN(ON)
Enable ON Threshold
1.20
V
VOUT = ON
0.80
1.60
VEN falling from 1.60V until
0.60
1.40
VEN(OFF)
Enable OFF Threshold
1.00
V
VOUT = OFF
0.50
1.50
VEN(HYS)
Enable Hysteresis
VEN(ON) - VEN(OFF)
-
200
-
mV
Time from VEN < VEN(OFF) to VOUT =
td(OFF)
Turn-off delay
-
1
-
OFF, ILOAD = 1.5A
µs
Time from VEN >VEN(ON) to VOUT =
td(ON)
Turn-on delay
-
25
-
ON, ILOAD = 800 mA
VEN = VIN
-
1
-
IEN
Enable Pin Current
nA
VEN = 0V
-
-1
-
ERROR Flag
VOUT rising threshold where ERROR
78
90
98
Flag goes high
VTH
Error Flag Threshold(5)
%
VOUT falling threshold where
74
85
93
ERROR Flag goes low
VERROR(SAT)
ERROR Flag Saturation Voltage ISINK = 1 mA
-
12.5
45
mV
ERROR Flag Pin Leakage
Ilk
VERROR = 5.5V
-
1
-
nA
Current
td
ERROR Flag Delay time
-
1
-
µs
(1)
The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included
in the output voltage tolerance specification.
(2)
Output voltage line regulation is defined as the change in output voltage from the nominal value (
ΔVOUT) due to a change in the voltage
at the input (
ΔVIN).
(3)
Output voltage load regulation is defined as the change in output voltage from the nominal value (
ΔVOUT) due to a change in the load
current at the output (
ΔIOUT).
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. For
the LP38511-1.8, the minimum VIN operating voltage is the limiting factor.
(5)
The ERROR Flag thresholds are specified as percentage of the nominal regulated output voltage. See APPLICATION INFORMATION.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com