Electronic Components Datasheet Search
  English  ▼

X  

LP38511 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38511 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38511 Datasheet HTML 7Page - Texas Instruments LP38511 Datasheet HTML 8Page - Texas Instruments LP38511 Datasheet HTML 9Page - Texas Instruments LP38511 Datasheet HTML 10Page - Texas Instruments LP38511 Datasheet HTML 11Page - Texas Instruments LP38511 Datasheet HTML 12Page - Texas Instruments LP38511 Datasheet HTML 13Page - Texas Instruments LP38511 Datasheet HTML 14Page - Texas Instruments LP38511 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Load
Transient
Line
Transient
VIN
VOUT
NOM
~90%
~85%
VERROR
Power-Down
~2.25V
~1.55V
~1.25V
~1.25V
~2.50V
~2.50V
Power-Up
Load
Transient
Line
Transient
VIN
VOUT
NOM
~90%
~85%
VERROR
Power-Up
~2.25V
~1.55V
~1.25V
~2.50V
Power-Down
1.80V
LP38511
www.ti.com
SNOSAU6E – NOVEMBER 2007 – REVISED APRIL 2013
The timing diagram in Figure 23 shows the relationship between the ERROR flag and the output voltage.
Figure 23. ERROR Flag Operation, see Typical Application Circuit
Figure 24. ERROR Flag Operation, biased from VIN
POWER DISSIPATION/HEATSINKING
A heatsink may be required depending on the maximum power dissipation (PD(MAX)), maximum ambient
temperature (TA(MAX)) of the application, and the thermal resistance (θJA) of the package. Under all possible
conditions, the junction temperature (TJ) must be within the range specified in the Operating Ratings. The total
power dissipation of the device is given by:
PD = ( (VIN−VOUT) x IOUT) + (VIN x IGND)
where
•
IGND is the operating ground current of the device (specified under ELECTRICAL CHARACTERISTICS).
(1)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum expected ambient
temperature (TA(MAX)) of the application, and the maximum allowable junction temperature (TJ(MAX)):
ΔTJ = TJ(MAX)− TA(MAX)
(2)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = ΔTJ / PD(MAX)
(3)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com