Electronic Components Datasheet Search
  English  ▼

X  

LP38843 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38843
Description  3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38843 Datasheet(HTML) 4 Page - Texas Instruments

  LP38843 Datasheet HTML 1Page - Texas Instruments LP38843 Datasheet HTML 2Page - Texas Instruments LP38843 Datasheet HTML 3Page - Texas Instruments LP38843 Datasheet HTML 4Page - Texas Instruments LP38843 Datasheet HTML 5Page - Texas Instruments LP38843 Datasheet HTML 6Page - Texas Instruments LP38843 Datasheet HTML 7Page - Texas Instruments LP38843 Datasheet HTML 8Page - Texas Instruments LP38843 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP38843
SNVS290C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, VBIAS = 4.5V, IL = 10 mA, CIN = 10 µF CER, COUT = 22 µF CER, CBIAS = 1
µF CER, VS/D = VBIAS. Min/Max limits are specified through testing, statistical correlation, or design.
(1)
Symbol
Parameter
Conditions
MIN
TYP (2)
MAX
Units
VO
Output Voltage Tolerance
10 mA < IL < 3A
0.788
0.812
0.8
VO(NOM) + 1V ≤ VIN ≤ 5.5V
0.776
0.824
4.5V
≤ VBIAS ≤ 5.5V
1.182
1.218
1.2
V
1.164
1.236
1.478
1.523
1.5
1.455
1.545
ΔVO/ΔVIN
Output Voltage Line Regulation (3)
VO(NOM) + 1V ≤ VIN ≤ 5.5V
0.01
%/V
ΔVO/ΔIL
Output Voltage Load Regulation (4)
10 mA < IL < 3A
0.4
0.1
%/A
0.6
VDO
Dropout Voltage (5)
IL = 3A
270
210
mV
500
IQ(VIN)
Quiescent Current Drawn from VIN
10 mA < IL < 3A
35
30
mA
Supply
40
VS/D ≤ 0.3V
1
0.06
µA
30
IQ(VBIAS)
Quiescent Current Drawn from
10 mA < IL < 3A
4
2
mA
VBIAS Supply
6
VS/D ≤ 0.3V
1
0.03
µA
30
ISC
Short-Circuit Current
VOUT = 0V
8
A
Shutdown Input
VSDT
Output Turn-off Threshold
Output = ON
0.7
1.3
V
Output = OFF
0.3
0.7
Td (OFF)
Turn-OFF Delay
RLOAD X COUT << Td (OFF)
20
µs
Td (ON)
Turn-ON Delay
RLOAD X COUT << Td (ON)
15
IS/D
S/D Input Current
VS/D =1.3V
1
µA
VS/D ≤ 0.3V
−1
θJ-A
Junction to Ambient Thermal
TO-220, No Heatsink
65
°C/W
Resistance
DDPAK/TO-263, 1 sq.in Copper
35
AC Parameters
PSRR (VIN)
Ripple Rejection for VIN Input
VIN = VOUT +1V, f = 120 Hz
80
Voltage
VIN = VOUT + 1V, f = 1 kHz
65
dB
PSRR (VBIAS) Ripple Rejection for VBIAS Voltage
VBIAS = VOUT + 3V, f = 120 Hz
58
VBIAS = VOUT + 3V, f = 1 kHz
58
Output Noise Density
f = 120 Hz
1
µV/Hz
en
Output Noise Voltage
BW = 10 Hz
− 100 kHz
150
µV (rms)
VOUT = 1.5V
BW = 300 Hz
− 300 kHz
90
(1)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to
ground.
(2)
Typical numbers represent the most likely parametric norm for 25°C operation.
(3)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(4)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(5)
Dropout voltage is defined as the minimum input to output differential required to maintain the output with 2% of nominal value.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP38843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com