Electronic Components Datasheet Search
  English  ▼

X  

LP38843 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP38843
Description  3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38843 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38843 Datasheet HTML 2Page - Texas Instruments LP38843 Datasheet HTML 3Page - Texas Instruments LP38843 Datasheet HTML 4Page - Texas Instruments LP38843 Datasheet HTML 5Page - Texas Instruments LP38843 Datasheet HTML 6Page - Texas Instruments LP38843 Datasheet HTML 7Page - Texas Instruments LP38843 Datasheet HTML 8Page - Texas Instruments LP38843 Datasheet HTML 9Page - Texas Instruments LP38843 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1
100
10k
1M
FREQUENCY (MHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VOUT = 1.2V
IL = 1A
COUT = 100 PF Tant.
0
5 Ps/DIV
1
2
3
VIN
VOUT
VOUT = 1.2V
IL = 3A
0
1
1.5
1000
10000
100000
1000000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
100
CBIAS = 1 PF Tantalum
IL = 0
VOUT = 1.2V
1000
10000
100000
1000000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
COUT = 4.7 PF Tantalum
CBIAS = 1 PF Tantalum
IL = 10 mA
LP38843
SNVS290C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, CIN = 10 µF CER, COUT = 22 µF CER, CBIAS = 1 µF CER, S/D Pin is tied to VBIAS, VOUT
= 1.2V, IL = 10mA, VBIAS = 5V, VIN = VOUT + 1V.
VBIAS PSRR
VIN PSRR
Figure 9.
Figure 10.
Output Noise Voltage
VOUT Start Up
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP38843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com