Electronic Components Datasheet Search
  English  ▼

X  

LP38843 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38843
Description  3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38843 Datasheet(HTML) 5 Page - Texas Instruments

  LP38843 Datasheet HTML 1Page - Texas Instruments LP38843 Datasheet HTML 2Page - Texas Instruments LP38843 Datasheet HTML 3Page - Texas Instruments LP38843 Datasheet HTML 4Page - Texas Instruments LP38843 Datasheet HTML 5Page - Texas Instruments LP38843 Datasheet HTML 6Page - Texas Instruments LP38843 Datasheet HTML 7Page - Texas Instruments LP38843 Datasheet HTML 8Page - Texas Instruments LP38843 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1000
10000
_
100000
_
1000000
_
FREQUENCY (Hz)
0
10
_
20
_
30
_
40
_
50
_
60
_
70
_
80
_
90
_
100
COUT = 4.7 PF Tantalum
ILOAD = 10 mA
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
TEMPERATURE (
oC)
-40
0
40
120
80
-20
20
60
140
100
50 Ps/DIV
1
0
2
ILOAD
VOUT
COUT = 4.7 PF Tantalum
VOUT = 0.8V
0
-50
50
20 Ps/DIV
5
4
6
VBIAS
VOUT
IL = 10 mA
VOUT = 1.2V
VIN = 1.7V
-10
0
10
50 Ps/DIV
1
0
2
ILOAD
VOUT
VOUT = 0.8V
COUT = 22 PF Cer
0
-50
50
LP38843
www.ti.com
SNVS290C – DECEMBER 2004 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TJ = 25°C, CIN = 10 µF CER, COUT = 22 µF CER, CBIAS = 1 µF CER, S/D Pin is tied to VBIAS, VOUT
= 1.2V, IL = 10mA, VBIAS = 5V, VIN = VOUT + 1V.
VBIAS Transient Response
Load Transient Response
Figure 3.
Figure 4.
Load Transient Response
Dropout Voltage Over Temperature
Figure 5.
Figure 6.
VOUT
vs
Temperature
VBIAS PSRR
Figure 7.
Figure 8.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com