Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel 12-bit PWM Fm I2C-bus LED controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9685 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 44Page - NXP Semiconductors PCA9685 Datasheet HTML 45Page - NXP Semiconductors PCA9685 Datasheet HTML 46Page - NXP Semiconductors PCA9685 Datasheet HTML 47Page - NXP Semiconductors PCA9685 Datasheet HTML 48Page - NXP Semiconductors PCA9685 Datasheet HTML 49Page - NXP Semiconductors PCA9685 Datasheet HTML 50Page - NXP Semiconductors PCA9685 Datasheet HTML 51Page - NXP Semiconductors PCA9685 Datasheet HTML 52Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 16 April 2015
49 of 52
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
19. Revision history
Table 20.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9685 v.4
20150416
Product data sheet
-
PCA9685 v.3
Modifications:
• Changed programmable frequency to “24 Hz to 1526 Hz” throughout
• Minor edits to text and figures to provide clarity regarding cycle count throughout
PCA9685 v.3
20100902
Product data sheet
-
PCA9685 v.2
PCA9685 v.2
20090716
Product data sheet
-
PCA9685 v.1
PCA9685 v.1
20080724
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com