Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel 12-bit PWM Fm I2C-bus LED controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9685 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9685 Datasheet HTML 1Page - NXP Semiconductors PCA9685 Datasheet HTML 2Page - NXP Semiconductors PCA9685 Datasheet HTML 3Page - NXP Semiconductors PCA9685 Datasheet HTML 4Page - NXP Semiconductors PCA9685 Datasheet HTML 5Page - NXP Semiconductors PCA9685 Datasheet HTML 6Page - NXP Semiconductors PCA9685 Datasheet HTML 7Page - NXP Semiconductors PCA9685 Datasheet HTML 8Page - NXP Semiconductors PCA9685 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 16 April 2015
3 of 52
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
25 MHz typical internal oscillator requires no external components
External 50 MHz (max.) clock input
Internal power-on reset
Noise filter on SDA/SCL inputs
Edge rate control on outputs
No output glitches on power-up
Supports hot insertion
Low standby current
Operating power supply voltage range of 2.3 V to 5.5 V
5.5 V tolerant inputs
40 C to +85 C operation
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: TSSOP28, HVQFN28
3.
Applications
RGB or RGBA LED drivers
LED status information
LED displays
LCD backlights
Keypad backlights for cellular phones or handheld devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com