Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel 12-bit PWM Fm I2C-bus LED controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9685 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 25Page - NXP Semiconductors PCA9685 Datasheet HTML 26Page - NXP Semiconductors PCA9685 Datasheet HTML 27Page - NXP Semiconductors PCA9685 Datasheet HTML 28Page - NXP Semiconductors PCA9685 Datasheet HTML 29Page - NXP Semiconductors PCA9685 Datasheet HTML 30Page - NXP Semiconductors PCA9685 Datasheet HTML 31Page - NXP Semiconductors PCA9685 Datasheet HTML 32Page - NXP Semiconductors PCA9685 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 16 April 2015
29 of 52
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
7.7 Using the PCA9685 with and without external drivers
The PCA9685 LED output drivers are 5.5 V only tolerant and can sink up to 25 mA at 5 V.
If the device needs to drive LEDs to a higher voltage and/or higher current, use of an
external driver is required.
• INVRT bit (MODE2 register) can be used to keep the LED PWM control firmware the
same independently of the type of external driver. This bit allows LED output polarity
inversion/non-inversion only when OE =0.
• OUTDRV bit (MODE2 register) allows minimizing the amount of external components
required to control the external driver (N-type or P-type device).
[1]
When OE = 1, LED output state is controlled only by OUTNE[1:0] bits (MODE2 register).
[2]
Correct configuration when LEDs directly connected to the LEDn outputs (connection to VDD through current limiting resistor).
[3]
Optimum configuration when external N-type (NPN, NMOS) driver used.
[4]
Optimum configuration when external P-type (PNP, PMOS) driver used.
Table 12.
Use of INVRT and OUTDRV based on connection to the LEDn outputs when OE =0[1]
INVRT OUTDRV Direct connection to LEDn
External N-type driver
External P-type driver
Firmware
External
pull-up
resistor
Firmware
External
pull-up
resistor
Firmware
External
pull-up
resistor
0
0
formulas and LED
output state values
inverted
LED current
limiting R[2]
formulas and LED
output state
values inverted
required
formulas and LED
output state values
apply
required
0
1
formulas and LED
output state values
inverted
LED current
limiting R[2]
formulas and LED
output state
values apply[3]
not
required[3]
formulas and LED
output state values
inverted
not required
1
0
formulas and LED
output state values
apply[2]
LED current
limiting R
formulas and LED
output state
values apply
required
formulas and LED
output state values
inverted
required
1
1
formulas and LED
output state values
apply[2]
LED current
limiting R
formulas and LED
output state
values inverted
not required formulas and LED
output state values
apply[4]
not
required[4]
INVRT = 0
OUTDRV = 1
INVRT = 1
OUTDRV = 1
INVRT = 1
OUTDRV = 0
Fig 13. External N-type driver
Fig 14. External P-type driver
Fig 15. Direct LED connection
LED0
+5 V
002aad169
LED0
+5 V
002aad170
LED0
+VDD
002aad171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com