Electronic Components Datasheet Search
  English  ▼

X  

PCA9622 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9622 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9622 Datasheet HTML 18Page - NXP Semiconductors PCA9622 Datasheet HTML 19Page - NXP Semiconductors PCA9622 Datasheet HTML 20Page - NXP Semiconductors PCA9622 Datasheet HTML 21Page - NXP Semiconductors PCA9622 Datasheet HTML 22Page - NXP Semiconductors PCA9622 Datasheet HTML 23Page - NXP Semiconductors PCA9622 Datasheet HTML 24Page - NXP Semiconductors PCA9622 Datasheet HTML 25Page - NXP Semiconductors PCA9622 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 2 June 2014
22 of 40
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
10. Application design-in information
(1) OE requires pull-up resistor if control signal from the master is open-drain.
I2C-bus address = 0010 101x.
Remark: During power-down, slow decay of voltage supplies may keep LEDs illuminated. Consider disabling LED outputs
using HIGH level applied to OE pin.
Fig 16. Typical application
PCA9622
LED0
LED1
SDA
SCL
OE
VDD = 2.5 V, 3.3 V or 5.0 V
I2C-BUS/SMBus
MASTER
SDA
SCL
10 k
Ω
OE
10 k
Ω
LED2
LED3
A0
A1
A2
VDD
A3
A4
A5
A6
VSS
10 k
Ω(1)
up to 40 V
LED8
LED9
LED10
LED11
LED4
LED5
LED6
LED7
up to 40 V
LED light bar
LED12
LED13
LED14
LED15
up to 40 V
LED light bar
002aad532
VSS
up to 40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com