Electronic Components Datasheet Search
  English  ▼

X  

PCA9622 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9622 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9622 Datasheet HTML 1Page - NXP Semiconductors PCA9622 Datasheet HTML 2Page - NXP Semiconductors PCA9622 Datasheet HTML 3Page - NXP Semiconductors PCA9622 Datasheet HTML 4Page - NXP Semiconductors PCA9622 Datasheet HTML 5Page - NXP Semiconductors PCA9622 Datasheet HTML 6Page - NXP Semiconductors PCA9622 Datasheet HTML 7Page - NXP Semiconductors PCA9622 Datasheet HTML 8Page - NXP Semiconductors PCA9622 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 2 June 2014
3 of 40
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
3.
Applications
RGB or RGBA LED drivers
LED status information
LED displays
LCD backlights
Keypad backlights for cellular phones or handheld devices
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA9622DR
PCA9622DR
TSSOP32
plastic thin shrink small outline package; 32 leads;
body width 6.1 mm; lead pitch 0.65 mm
SOT487-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum order
quantity
Temperature
PCA9622DR
PCA9622DR,118
TSSOP32
Reel 13” Q1/T1
*Standard mark SMD
2000
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com