Electronic Components Datasheet Search
  English  ▼

X  

LM3524D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524D
Description  LM2524D/LM3524D Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524D Datasheet(HTML) 5 Page - Texas Instruments

  LM3524D Datasheet HTML 1Page - Texas Instruments LM3524D Datasheet HTML 2Page - Texas Instruments LM3524D Datasheet HTML 3Page - Texas Instruments LM3524D Datasheet HTML 4Page - Texas Instruments LM3524D Datasheet HTML 5Page - Texas Instruments LM3524D Datasheet HTML 6Page - Texas Instruments LM3524D Datasheet HTML 7Page - Texas Instruments LM3524D Datasheet HTML 8Page - Texas Instruments LM3524D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
Electrical Characteristics
(1) (continued)
Symbol
Parameter
Conditions
LM2524D
LM3524D
Units
Typ
Tested
Design
Typ
Tested
Design
Limit(2)
Limit(3)
Limit(2)
Limit(3)
SHUT DOWN SECTION
VSD
High Input Voltage
V(Pin 2) − V(Pin 1) ≥ 150 mV
1
0.5
1
0.5
VMin
1.5
1.5
VMax
ISD
High Input Current
I(pin 10)
1
1
mA
OUTPUT SECTION (EACH OUTPUT)
VCES
Collector Emitter Voltage
IC ≤ 100 μA
55
40
VMin
Breakdown
ICES
Collector Leakage Current
VCE = 60V
VCE = 55V
0.1
50
μAMax
VCE = 40V
0.1
50
VCESAT
Saturation Voltage
IE = 20 mA
0.2
0.5
0.2
0.7
VMax
IE = 200 mA
1.5
2.2
1.5
2.5
VEO
Emitter Output Voltage
IE = 50 mA
18
17
18
17
VMin
tR
Rise Time
VIN = 20V,
200
200
ns
IE = −250 μA
RC = 2k
tF
Fall Time
RC = 2k
100
100
ns
SUPPLY CHARACTERISTICS SECTION
VIN
Input Voltage Range
After Turn-on
8
8
VMin
40
40
VMax
T
Thermal Shutdown Temp.
(6)
160
160
°C
IIN
Stand By Current
VIN = 40V
(7)
5
10
5
10
mA
(6)
For operation at elevated temperatures, devices in the NFG package must be derated based on a thermal resistance of 86°C/W,
junction to ambient. Devices in the D package must be derated at 125°C/W, junction to ambient.
(7)
Pins 1, 4, 7, 8, 11, and 14 are grounded; Pin 2 = 2V. All other inputs and outputs open.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com