Electronic Components Datasheet Search
  English  ▼

X  

LM3524D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524D
Description  LM2524D/LM3524D Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524D Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3524D Datasheet HTML 7Page - Texas Instruments LM3524D Datasheet HTML 8Page - Texas Instruments LM3524D Datasheet HTML 9Page - Texas Instruments LM3524D Datasheet HTML 10Page - Texas Instruments LM3524D Datasheet HTML 11Page - Texas Instruments LM3524D Datasheet HTML 12Page - Texas Instruments LM3524D Datasheet HTML 13Page - Texas Instruments LM3524D Datasheet HTML 14Page - Texas Instruments LM3524D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
Figure 15.
The amplifier's inputs have a common-mode input range of 1.5V–5.5V. The on board regulator is useful for
biasing the inputs to within this range.
Current Limiting
The function of the current limit amplifier is to override the error amplifier's output and take control of the pulse
width. The output duty cycle drops to about 25% when a current limit sense voltage of 200 mV is applied
between the +CL and −CLsense terminals. Increasing the sense voltage approximately 5% results in a 0% output
duty cycle. Care should be taken to ensure the
−0.7V to +1.0V input common-mode range is not exceeded.
In most applications, the current limit sense voltage is produced by a current through a sense resistor. The
accuracy of this measurement is limited by the accuracy of the sense resistor, and by a small offset current,
typically 100
μA, flowing from +CL to −CL.
Output Stages
The outputs of the LM3524D are NPN transistors, capable of a maximum current of 200 mA. These transistors
are driven 180° out of phase and have non-committed open collectors and emitters as shown in Figure 16.
Figure 16.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com