Electronic Components Datasheet Search
  English  ▼

X  

LM3524D Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524D
Description  LM2524D/LM3524D Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524D Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3524D Datasheet HTML 10Page - Texas Instruments LM3524D Datasheet HTML 11Page - Texas Instruments LM3524D Datasheet HTML 12Page - Texas Instruments LM3524D Datasheet HTML 13Page - Texas Instruments LM3524D Datasheet HTML 14Page - Texas Instruments LM3524D Datasheet HTML 15Page - Texas Instruments LM3524D Datasheet HTML 16Page - Texas Instruments LM3524D Datasheet HTML 17Page - Texas Instruments LM3524D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LM2524D, LM3524D
SNVS766E – JUNE 2009 – REVISED MAY 2013
www.ti.com
Figure 21. Boosted Current Polarity Inverter
(3)
Basic Switching Regulator Theory and Applications
The basic circuit of a step-down switching regulator circuit is shown in Figure 22, along with a practical circuit
design using the LM3524D in Figure 25.
Figure 22. Basic Step-Down Switching Regulator
The circuit works as follows: Q1 is used as a switch, which has ON and OFF times controlled by the pulse width
modulator. When Q1 is ON, power is drawn from VIN and supplied to the load through L1; VA is at approximately
VIN, D1 is reverse biased, and Co is charging. When Q1 turns OFF the inductor L1 will force VA negative to keep
the current flowing in it, D1 will start conducting and the load current will flow through D1 and L1. The voltage at
VAis smoothed by the L1, Co filter giving a clean DC output. The current flowing through L1 is equal to the
nominal DC load current plus some
ΔIL which is due to the changing voltage across it. A good rule of thumb is to
set ΔILP-P ≃ 40% × Io.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com