Electronic Components Datasheet Search
  English  ▼

X  

SM3600AP Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM3600AP
Description  Magnetic Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3600AP Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM3600AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SM3600AP
SEIKO NPC CORPORATION - 6
FUNCTIONAL DESCRIPTION
Function Overview
The SM3600AP is a magnetic sensor module that incorporates magnetic sensor elements, a bias magnet, and an amplifier IC in a compact
DIPpackage, required to detect magnetism.
The magnetic sensor elements in the SM3600AP detect changes in the magnetic field along the Y axis as shown in the following figure.
The sensor detect the magnetic pattern of measurement objects by detecting changes in the magnetic field, using a bias magnet, as the
object moves across the upper surface of the module package in the Y-axis direction. The SM3600AP package surface is not designed to
withstand wear, hence the measurement mechanism should be designed so that the measurement object does not come into contact with
the surface of the package. The recommended gap (separation between package surface and magnetic pattern) is 0.5 mm.
The magnetic field of the bias magnet is aligned so that the Z-axis component in the figure is strongest, with a magnetic flux density at the
package surface of 110mT (max).
Magnetic detection direction (Y axis), bias magnet magnetic direction (Z axis)
The detected magnetic field signal is converted to a voltage, then amplified by 60dB (1000 times amplification) by an internal amplifier,
and then output as an analog voltage on the OUT pin. An auto bias function is built-in to help obtain the appropriate DC voltage output
signal.
Magnetic Sensor Element Layout
The magnetic sensor elements are located as shown in the following figure. The measurement object must be aligned with the magnetic
sensor elements in order to detect the magnetic pattern.
Sensor layout
Location of sensors only. The figure does not represent an accurate depiction of sensor size and shape.
Y axis (magnetic detection direction)
Z axis (magnetic orientation of bias magnet)
⊗ X axis
magnetic pattern
Top View
1.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com