Electronic Components Datasheet Search
  English  ▼

X  

SM3600AP Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM3600AP
Description  Magnetic Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3600AP Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM3600AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SM3600AP
SEIKO NPC CORPORATION - 8
TYPICAL APPLICATION CIRCUIT
It is necessary to take the difference between VREF and OUT to cancel the power-supply voltage fluctuation.
Circuit 1
Low-pass Filter Configuration
LPF (low-pass filter) fc (cutoff frequency): 1.94kHz
Circuit 2
Configuration with ExternalAmplifier
HPF (high-pass filter) fc1 (cutoff frequency): 1.59Hz
LPF (low-pass filter) fc2 (cutoff frequency): 194Hz
*If a low-pass filter is not used (capacitors C and C2 are not used), leave the G1 pin open-circuit.
*The typical applications circuits are for reference purposes only and correct operation using these circuits is not guaranteed.
NPC accepts no responsibility for damage or loss caused by their use. Use the circuits only after thorough evaluation.
SM3600AP
VDD CE
SET
VREF
OUT
G1
C=1/ (2π×100k×fc)
VSS
5V
0→5V
ADC or CMP
820pF(C)
1μF
SM3600AP
VDD CE
SET
VREF
OUT
G1
VSS
5V
0→5V
ADC or CMP
8200pF(C2)
1μF
1μF(C1)
90kΩ
10kΩ
100kΩ(R1)
AMP
0 to 20dB
+
−
LPF:C2=1/ (2π×100k×fc2)
HPF:C1=1/ (2π×R1×fc1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com