Electronic Components Datasheet Search
  English  ▼

X  

SM3600AP Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM3600AP
Description  Magnetic Sensor Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3600AP Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM3600AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SM3600AP
SEIKO NPC CORPORATION - 7
Operating Procedure
When CE is HIGH and SET is LOW, a VDD/2 DC voltage is output on the OUT pin (state 2). Switch the SET pin from LOW to HIGH
under conditions of stable magnetic field near the SM3600AP. Bias voltage correction is then performed for 1 ms (max) using the auto bias
function (described below). The VDD/2 DC voltage output is maintained during the correction interval (state 3). After correction finishes,
the magnetic detection signal is output on the VDD/2 reference voltage on the OUT pin (state 4).
Timing diagram
Auto-Bias Function
The auto-bias function corrects the bias voltage of the internal amplifier of the SM3600AP to set the DC output voltage of the magnetic
detection signal to the VDD/2 reference voltage.
The auto-bias function starts when the SET pin is switched from LOW to HIGH. The bias voltage of the internal amplifier is automatically
corrected so that the DC voltage output under the existing magnetic field condition is the VDD/2 reference voltage. After correction is
finished (1 ms max.), the magnetic detection signal amplified by the internal amplifier is superimposed on the VDD/2 reference voltage on
the OUT pin.
The SM3600AP is sensitive to changes in magnetic field, including the geomagnetic field. The auto-bias function should be used at regular
intervals if the magnetic field near the sensor modules changes or if the sensor is used continuously for extended periods. To start the
auto-bias function, switch the SET pin LOW and then HIGH again.
Standby Mode
Switch the CE pin to LOW to enter standby mode (state 1). In this mode, the OUT pin output is at VSS level and the current consumption
falls to 100 µA(typ). When restarting operation from standby mode, always run the auto-bias function after switching the CE pin to HIGH.
detected signal
Low: VSS
Low: VSS
VSS
VSS
VDD
CE
SET
OUT
VDD
VREF
VSS
High: VDD
High: VDD
VDD/2
VDD/2
state 1
state 2
state 3
state 4
≧
required 100µs
maximum1ms
state 1: Standby mode
state 2: Before the auto-bias function starts
state 3: Auto-bias function in progress
state 4: Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com