Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV702
Description  TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV702 Datasheet(HTML) 1 Page - Texas Instruments

  TLV702 Datasheet HTML 1Page - Texas Instruments TLV702 Datasheet HTML 2Page - Texas Instruments TLV702 Datasheet HTML 3Page - Texas Instruments TLV702 Datasheet HTML 4Page - Texas Instruments TLV702 Datasheet HTML 5Page - Texas Instruments TLV702 Datasheet HTML 6Page - Texas Instruments TLV702 Datasheet HTML 7Page - Texas Instruments TLV702 Datasheet HTML 8Page - Texas Instruments TLV702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TLV702-Q1
GND
EN
IN
OUT
VIN
VOUT
On
Off
CIN
1 F
Ceramic
COUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV702-Q1
SLVSC35B – AUGUST 2013 – REVISED JUNE 2015
TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
1 Features
3 Description
The TLV702-Q1 series of low-dropout (LDO) linear
1
•
Qualified for Automotive Applications
regulators are low quiescent current devices with
•
AEC-Q100 Qualified with the Following Results:
excellent line and load transient performance. These
–
Device Temperature Grade 1: –40°C to 125°C
LDOs are designed for power-sensitive applications.
Ambient Operating Temperature Range
A precision bandgap and an error amplifier provide
–
Device HBM ESD Classification Level H2
overall 2% accuracy. Low output noise, very high
power-supply rejection ratio (PSRR), and low-dropout
–
Device CDM ESD Classification Level C4B
voltage make this series of devices ideal for a wide
•
Very Low Dropout:
selection of battery-operated equipment. All device
–
37 mV at IOUT = 50 mA, VOUT = 2.8 V
versions have thermal shutdown and current limit
–
75 mV at IOUT = 100 mA, VOUT = 2.8 V
protections for safety.
–
220 mV at IOUT = 300 mA, VOUT = 2.8 V
Furthermore, these devices are stable with an
effective output capacitance of only 0.1
μF. This
•
2% Accuracy Over Temperature
feature enables the use of cost-effective capacitors
•
Low IQ: 35 μA
that have higher bias voltages and temperature
•
Fixed-Output Voltage Combinations Possible from
derating. The devices regulate to specified accuracy
1.2 V to 4.8 V
with no output load.
•
High PSRR: 68 dB at 1 kHz
The TLV702-Q1 series of LDO linear regulators is
•
Stable with Effective Capacitance of 0.1
μF(1)
available in SOT and WSON packages.
•
Thermal Shutdown and Overcurrent Protection
Device Information(1)
•
Packages: 5-Pin SOT and 1.5-mm × 1.5-mm,
PART NUMBER
PACKAGE
BODY SIZE (NOM)
6-Pin WSON
SOT (5)
2.90 mm × 1.60 mm
(1)
See the Input and Output Capacitor Requirements in the
TLV702-Q1
Application Information section.
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the package option addendum
2 Applications
at the end of the data sheet.
•
Automotive Camera Modules
•
Image Sensor Power
•
Microprocessor Rails
•
Automotive Infotainment Head Units
•
Automotive Body Electronics
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702 TI-TLV702 Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702 Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702 Datasheet
1Mb / 33P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702 Datasheet
1Mb / 31P
300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI-TLV702 Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702P TI-TLV702P Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV704 TI-TLV704 Datasheet
890Kb / 22P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702_016 TI1-TLV702_016 Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1 Datasheet
2Mb / 29P
TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1_V01 Datasheet
2Mb / 29P
TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
TPS784-Q1 TI1-TPS784-Q1_V02 Datasheet
2Mb / 29P
TPS784-Q1 300-mA, Low IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com