Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV702
Description  TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV702 Datasheet(HTML) 2 Page - Texas Instruments

  TLV702 Datasheet HTML 1Page - Texas Instruments TLV702 Datasheet HTML 2Page - Texas Instruments TLV702 Datasheet HTML 3Page - Texas Instruments TLV702 Datasheet HTML 4Page - Texas Instruments TLV702 Datasheet HTML 5Page - Texas Instruments TLV702 Datasheet HTML 6Page - Texas Instruments TLV702 Datasheet HTML 7Page - Texas Instruments TLV702 Datasheet HTML 8Page - Texas Instruments TLV702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TLV702-Q1
SLVSC35B – AUGUST 2013 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 12
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 14
4
Revision History..................................................... 2
9.1
Power Dissipation ................................................... 14
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 14
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 14
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 15
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 16
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support .................................................... 16
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ........................................ 16
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 16
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 16
7
Detailed Description ............................................ 10
11.5
Electrostatic Discharge Caution ............................ 16
7.1
Overview ................................................................. 10
11.6
Glossary ................................................................ 16
7.2
Functional Block Diagrams ..................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 10
Information ........................................................... 17
7.4
Device Functional Modes........................................ 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2013) to Revision B
Page
•
Added DSE (6-Pin WSON) package to data sheet ................................................................................................................ 1
•
Added Device Information, ESD Ratings, and Recommended Operating Conditions tables, and Detailed
Description, Application and Implementation, Power Supply Recommendations, Layout, Device and Documentation
Support, and Mechanical, Packaging, and Orderable Information sections to data sheet .................................................... 1
•
Deleted all references to P version of device throughout data sheet..................................................................................... 1
•
Added "Over Temperature" to 2% accuracy Features bullet ................................................................................................ 1
•
Changed DDC package name from TSOT23 to SOT throughout data sheet ........................................................................ 1
•
Changed Applications bullets ................................................................................................................................................. 1
•
Changed Description section text........................................................................................................................................... 1
•
Changed ceramic capacitor units on Typical Application circuit from mF to µF (typo) ......................................................... 1
•
Changed "free-air temperature" to "junction temperature" in Absolute Maximum Ratings condition statement .................... 4
•
Added TJ to TA condition in Electrical Characteristics condition statement............................................................................ 5
•
Changed TA to TJ for typical values in Electrcial Characteristics condition statement ........................................................... 5
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com