Electronic Components Datasheet Search
  English  ▼

X  

TC651AFVUA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC651AFVUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651AFVUA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC651AFVUA Datasheet HTML 2Page - Microchip Technology TC651AFVUA Datasheet HTML 3Page - Microchip Technology TC651AFVUA Datasheet HTML 4Page - Microchip Technology TC651AFVUA Datasheet HTML 5Page - Microchip Technology TC651AFVUA Datasheet HTML 6Page - Microchip Technology TC651AFVUA Datasheet HTML 7Page - Microchip Technology TC651AFVUA Datasheet HTML 8Page - Microchip Technology TC651AFVUA Datasheet HTML 9Page - Microchip Technology TC651AFVUA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC650/TC651
DS21450B-page 6
© 2002 Microchip Technology Inc.
3.4
Shutdown (SHDN)
The fan can be unconditionally shutdown by pulling low
the SHDN pin. During shutdown, the PWM output is
low. This is ideal for notebook computers and other
portable applications when you need to change
batteries and must not have the fan running at that
time. Thermal monitoring and TOVER are still in
operation during shutdown. IDD shutdown current is
around 50
µA.
3.5
Auto-Shutdown Mode
The
TC651
features
auto-shutdown;
when
the
temperature is below the factory set point at minimum
speed (TL), PWM is low and the fan is automatically
shut off (Auto-shutdown mode). This feature is ideal for
notebook computers and other portable equipment that
need to conserve as much battery power as possible
and thus run a fan when it is only absolutely needed.
The TC651 will continue to be active so as to monitor
temperature for Tover. The TC651 exits Auto-shutdown
mode when the temperature rises above the factory set
point (T1).
3.6
Temperature Selection Guide
(Minimum Fan Speed/Full Speed)
The five temperature regions defined by the six
thresholds are defined in the TC650/TC651 by means
of factory trimming. Once a TL and TH are set, the T1 –
T4 thresholds are automatically equally spaced
between TL and TH.
Note: The Bold Type temperature settings are available for
ordering. Contact factory for other temperature selec-
tions.
TL and TH canbeselectedin5°C increments. TH must
be chosen at least 10oC higher than TL.TL can range
anywhere from 25°C to 35°C.
As an example, suppose you wanted the fan to run at
40% speed at 25°C or less and go to full speed at
45°C. You would order the part number TC650AEVUA.
As another example, suppose you wanted the fan to
turn on at 30°C and go to full speed at 45°C. You
would order the part number TC651BEVUA.
Temp.
Range
TL
TH
Part #
10°C
25
35
AC
30
40
BD
35
45
CE
15°C
25
40
AD
30
45
BE
35
50
CF
20°C
25
45
AE
30
50
BF
35
55
CG
30°C
25
55
AG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com