Electronic Components Datasheet Search
  English  ▼

X  

TC651AFVUA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC651AFVUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651AFVUA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC651AFVUA Datasheet HTML 3Page - Microchip Technology TC651AFVUA Datasheet HTML 4Page - Microchip Technology TC651AFVUA Datasheet HTML 5Page - Microchip Technology TC651AFVUA Datasheet HTML 6Page - Microchip Technology TC651AFVUA Datasheet HTML 7Page - Microchip Technology TC651AFVUA Datasheet HTML 8Page - Microchip Technology TC651AFVUA Datasheet HTML 9Page - Microchip Technology TC651AFVUA Datasheet HTML 10Page - Microchip Technology TC651AFVUA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21450B-page 7
TC650/TC651
4.0
TYPICAL APPLICATIONS
4.1
Reducing Switching Noise
For fans consuming more than 300mA, a slowdown
capacitor (CSLOW) is recommended for reducing
switching PWM induced noise (see Figure 4-1). The
value of this capacitor should be 4.7
µFto47µF,
depending on the fan current consumption.
See Application Note AN771 “Suppressing Acoustic
Noise in PWM Fan Speed Control Systems” for more
information.
FIGURE 4-1:
REDUCING SWITCHING
NOISE
1
8
2
7
3
6
4
5
NC
VDD
CSLOW
PWM
GND
TOVER
NC
GND
GND
+5V VDD
+12V
TC650
TC651
SHDN
GND
µController
DC Fan
500mA
SHDN Control Over-Temp.
Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com