Electronic Components Datasheet Search
  English  ▼

X  

TC651AFVUA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC651AFVUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651AFVUA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC651AFVUA Datasheet HTML 4Page - Microchip Technology TC651AFVUA Datasheet HTML 5Page - Microchip Technology TC651AFVUA Datasheet HTML 6Page - Microchip Technology TC651AFVUA Datasheet HTML 7Page - Microchip Technology TC651AFVUA Datasheet HTML 8Page - Microchip Technology TC651AFVUA Datasheet HTML 9Page - Microchip Technology TC651AFVUA Datasheet HTML 10Page - Microchip Technology TC651AFVUA Datasheet HTML 11Page - Microchip Technology TC651AFVUA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC650/TC651
DS21450B-page 8
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
The graphs and tables provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not tested or
guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., out-
side specified power supply range) and therefore outside the warranted range
90
80
70
60
50
40
30
20
10
0
-50
0
0
24
6
8
10 12 14 16 18 20
25
-25
50
75
100 125 150
TEMPERATURE (˚C)
IDD vs. Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0.0
TL
T1
T2
T3
T4
TH
TTHRESHOLD
Temperature Accuracy vs. VTH
ISOURCE (mA)
PWM, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
VDD = 2.7
VDD = 2.7
VDD = 5.6
VDD = 5.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
12
3
4
5
6
7
8
910
ISINK (mA)
PWM, ISINK vs. VOL, TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0.0
50
100
150
200
250
300
350
400
450
500
0
12
3
4
5
6
7
8
910
ISOURCE (mA)
TOVER, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com