Electronic Components Datasheet Search
  English  ▼

X  

TLE7273-2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 11Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 12Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 13Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 14Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
11
Rev. 1.21, 2014-11-19
TLE7273-2
Block Description and Electrical Characteristics
5.2
Electrical Characteristics
Electrical Characteristics
V
I =13.5 V; T
j = – 40 °C to +150 °C; unless otherwise specified
Pos.
Parameter
Symbol Limit Values
Unit Test Condition
Min.
Typ.
Max.
Output Q
5.2.1
Output Voltage
V
Q
4.90
5.00
5.10
V
TLE7273-2GV50,
TLE7273-2EV50
1mA<
I
Q <180 mA
6V<
V
I <16V
5.2.2
Output Voltage
V
Q
4.90
5.00
5.10
V
TLE7273-2GV50,
TLE7273-2EV50
I
Q =10 mA
6V<
V
I <45V
5.2.3
Output Voltage
V
Q
3.234 3.30
3.366 V
TLE7273-2GV33
1mA<
I
Q <180 mA
4.5 V <
V
I <16V
5.2.4
Output Voltage
V
Q
3.234 3.30
3.366 V
TLE7273-2GV33
I
Q = 10 mA
4.5 V <
V
I <45V
5.2.5
Output Voltage
V
Q
2.548 2.60
2.652 V
TLE7273-2GV26
1mA< I
Q <180 mA
4.5 V <
V
I <16V
5.2.6
Output Voltage
V
Q
2.548 2.60
2.652 V
TLE7273-2GV26
I
Q = 10 mA
4.5 V <
V
I <45V
5.2.7
Output Current Limitation
I
Q
200
–
500
mA
V
Q =2.0 V
5.2.8
200
–
600
V
Q =0V
5.2.9
Dropout Voltage1)
VDR = V
I – VQ
V
DR
–250
500
mV
I
Q = 180 mA
TLE7273-2GV50,
TLE7273-2EV50
5.2.10
Load Regulation
ΔV
Q,Lo
–50
90
mV
1 mA < I
Q <180 mA;
5.2.11
Line Regulation
ΔV
Q,Li
–10
50
mV
I
Q = 1 mA;
10 V <
V
I <32V
5.2.12
Power Supply Ripple Rejection
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 VPP
5.2.13
Reverse Output Current Clamping
V
Q
––
5.5
V
I
Q = -1 mA,
V
EN = 0 V
Current Consumption
5.2.14
Quiescent Current
Iq = I
I – IQ
I
q
–28
36
μA
I
Q = 100 μA;
T
j <80°C
5.2.15
Quiescent Current
Disabled
I
q
–1
3
µA
V
EN= 0V;
T
j < 80°C
Enable Input EN
5.2.16
High Level Input Voltage
V
EN,H
3.0
–
–
V
V
Q on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com