Electronic Components Datasheet Search
  English  ▼

X  

TLE7273-2 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 18Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 19Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 20Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 21Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 22Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 23Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 24Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 25Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
TLE7273-2
Revision History
Data Sheet
24
Rev. 1.21, 2014-11-19
7
Revision History
Revision
Date
Changes
1.21
2014-11-19
Editorial change in temperature range:
“-40
°C < T
j < 150 °C” changed to “Tj = -40 °C to +150 °C”
1.2
2009-04-28
2.6V version, 5V version in PG-SSOP-14 package and all related description
added:
In “Features” on Page 2 “or 2.6 V” added
In “Features” on Page 2 package drawing for PG-DSO-14 updated, package
drawing for PG-SSOP-14 added
In “Overview” on Page 2 in table at the bottom type “TLE7273-2GV26” and
“TLE7273-2EV50” added
In “Pin Definitions and Functions (PG-DSO-14)” on Page 4 in description for
Pin 1 “, TLE7273-2GV26” added
“Pin Assignments (PG-SSOP-14 Exposed Pad)” on Page 5 and “Pin
Definitions and Functions (PG-SSOP-14 Exposed Pad)” on Page 5 added;
In “Functional Range” on Page 7 Item 4.2.3 added, in Item 4.2.1 “, TLE7273-
2EV50” added;
In “Thermal Resistances” on Page 7 values for PG-SSOP-14 package added:
Item 4.3.6, Item 4.3.7, Item 4.3.8, Item 4.3.9 and Item 4.3.10 added
In “Power On Reset and Reset Output” on Page 8 “TLE7273-2EV50” in
description added
In “Electrical Characteristics” on Page 11 all specific Items for 2.6V version
added: Item 5.2.5, Item 5.2.6, Item 5.2.22, Item 5.2.26, Item 5.2.30, Item 5.2.48,
Item 5.2.52 and Item 5.2.57 added; In Item 5.2.44, Item 5.2.45, Item 5.2.49,
Item 5.2.50, Item 5.2.51 and Item 5.2.60 Conditions for 2.6V version added; In
Item 5.2.1, Item 5.2.2, Item 5.2.9, Item 5.2.20, Item 5.2.24, Item 5.2.28,
Item 5.2.44, Item 5.2.45, Item 5.2.46, Item 5.2.54, Item 5.2.55, Item 5.2.59 and
Item 5.2.61 “, TLE7273-2EV50” added
In “Typical Performance Characteristics” on Page 15 Graphs “Reset
Threshold VRT versus Junction Temperature Tj (3.3V-Version)” on Page 19,
“Reset Threshold VRT versus Junction Temperature Tj (3.3V-Version)” on
Page 19, “Reset Threshold VRT versus Junction Temperature Tj (2.6V-
Version)” on Page 19 and “Reset Hysteresis versus Junction Temperature
Tj (3.3V-Version)” on Page 19 added
In “Package Outlines” on Page 22 Oulines for PG-SSOP-14 added: Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com