Electronic Components Datasheet Search
  English  ▼

X  

TLE7273-2 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 11Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 12Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 13Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 14Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 15Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 16Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 17Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TLE7273-2
Block Description and Electrical Characteristics
Data Sheet
14
Rev. 1.21, 2014-11-19
5.2.58
Reset Output Low Level Voltage
V
ROL
–
0.15
0.25
V
V
Q ≥ 1V;
I
RO < 200 µA
5.2.59
Reset Output High Level Voltage
V
ROH
4.5
–
–
V
TLE7273-2GV50,
TLE7273-2EV50
5.2.60
Reset High Level Leakage Current
I
ROLK
–
–
1
µA
TLE7273-2GV33
TLE7273-2GV26
5.2.61
Integrated Reset Pull Up Resistor
R
RO
10
20
40
k
Ω
TLE7273-2GV50,
TLE7273-2EV50
internally connected to
V
Q
5.2.62
Power-On Reset Delay Time
t
RD
12.8
16.0
19.2
ms
Fast Reset Timing
5.2.63
25.6
32.0
38.4
ms
Slow Reset Timing
5.2.64
Reset Reaction Time
t
RR
-4
12
µs
1) measured when the output voltage has dropped 100 mV from the nominal value obtained at
V
I = 13.5 V
2) recommendation for typical trigger time;
t
WD = tCW + 1/2*tOW
3) reset output triggered when output voltage
V
Q is lower than output voltage reset switching threshold VRT or is also triggered,
when input voltage is decreasing to
V
I < 4.0 V and VQ > VRT
Electrical Characteristics
V
I =13.5 V; T
j = – 40 °C to +150 °C; unless otherwise specified
Pos.
Parameter
Symbol Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com