Electronic Components Datasheet Search
  English  ▼

X  

LM2664 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2664
Description  LM2664 Switched Capacitor Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2664 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2664 Datasheet HTML 7Page - Texas Instruments LM2664 Datasheet HTML 8Page - Texas Instruments LM2664 Datasheet HTML 9Page - Texas Instruments LM2664 Datasheet HTML 10Page - Texas Instruments LM2664 Datasheet HTML 11Page - Texas Instruments LM2664 Datasheet HTML 12Page - Texas Instruments LM2664 Datasheet HTML 13Page - Texas Instruments LM2664 Datasheet HTML 14Page - Texas Instruments LM2664 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM2664
www.ti.com
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
Figure 13. Increasing Output Voltage by Cascading Devices
9.2.2.3 Combined Doubler and Inverter
In Figure 14, the LM2664 is used to provide a positive voltage doubler and a negative voltage converter. Note
that the total current drawn from the two outputs should not exceed 50 mA.
Figure 14. Combined Voltage Doubler and Inverter
9.2.2.4 Regulating VOUT
It is possible to regulate the negative output of the LM2664 by use of a low dropout regulator (such as LP2980).
The whole converter is depicted in Figure 15. This converter can give a regulated output from
−1.8 V to −5.5 V
by choosing the proper resistor ratio:
VOUT = Vref (1 + R1/R2)
(5)
where, Vref = 1.23 V
(6)
Note that the following conditions must be satisfied simultaneously for worst case design:
Vin_min > Vout_min + Vdrop_max (LP2980)
(7)
+ Iout_max × Rout_max (LM2664)
(8)
Vin_max < Vout_max + Vdrop_min (LP2980)
(9)
+ Iout_min × Rout_min (LM2664)
(10)
space
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com