Electronic Components Datasheet Search
  English  ▼

X  

LM2664 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2664
Description  LM2664 Switched Capacitor Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2664 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2664 Datasheet HTML 8Page - Texas Instruments LM2664 Datasheet HTML 9Page - Texas Instruments LM2664 Datasheet HTML 10Page - Texas Instruments LM2664 Datasheet HTML 11Page - Texas Instruments LM2664 Datasheet HTML 12Page - Texas Instruments LM2664 Datasheet HTML 13Page - Texas Instruments LM2664 Datasheet HTML 14Page - Texas Instruments LM2664 Datasheet HTML 15Page - Texas Instruments LM2664 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM2664
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
Figure 15. Combining LM2664 with LP2980 to Make a Negative Adjustable Regulator
9.2.2.5 Output Capacitor Selection
As discussed in Detailed Design Requirements, the output resistance and ripple voltage are dependent on the
capacitance and ESR values of the external capacitors. The output voltage drop is the load current times the
output resistance, and the power efficiency is
(11)
Where IQ(V+) is the quiescent power loss of the IC device, and IL
2R
OUT is the conversion loss associated with the
switch on-resistance, the two external capacitors and their ESRs.
The selection of capacitors is based on the specifications of the dropout voltage (which equals Iout ROUT), the
output voltage ripple, and the converter efficiency. Table 1 lists recommendations to maximize efficiency, reduce
the output voltage drop and voltage ripple.
Table 1. Low ESR Capacitor Manufacturers
MANUFACTURER
CAPACITOR TYPE
Nichicon Corp.
PL & PF series, through-hole aluminum electrolytic
AVX Corp.
TPS series, surface-mount tantalum
Sprague
593D, 594D, 595D series, surface-mount tantalum
Sanyo
OS-CON series, through-hole aluminum electrolytic
Murata
Ceramic chip capacitors
Taiyo Yuden
Ceramic chip capacitors
Tokin
Ceramic chip capacitors
9.2.3 Application Curve
Figure 16. Efficiency vs Load Current
12
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM2664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com