Electronic Components Datasheet Search
  English  ▼

X  

LM2664 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2664
Description  LM2664 Switched Capacitor Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2664 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2664 Datasheet HTML 9Page - Texas Instruments LM2664 Datasheet HTML 10Page - Texas Instruments LM2664 Datasheet HTML 11Page - Texas Instruments LM2664 Datasheet HTML 12Page - Texas Instruments LM2664 Datasheet HTML 13Page - Texas Instruments LM2664 Datasheet HTML 14Page - Texas Instruments LM2664 Datasheet HTML 15Page - Texas Instruments LM2664 Datasheet HTML 16Page - Texas Instruments LM2664 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GND
OUT
LM2664
CAP-
CAP+
V+
SD
LM2664
www.ti.com
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
10 Power Supply Recommendations
The LM2664 is designed to operate from as an inverter over an input voltage supply range between 1.8 V and
5.5 V when the LV pin is grounded. This input supply must be well regulated and capable to supply the required
input current. If the input supply is located far from the LM2664 additional bulk capacitance may be required in
addition to the ceramic bypass capacitors.
11 Layout
11.1 Layout Guidelines
The high switching frequency and large switching currents of the LM2664 make the choice of layout important.
The following steps should be used as a reference to ensure the device is stable and maintains proper LED
current regulation across its intended operating voltage and current range
•
Place CIN on the top layer (same layer as the LM2664) and as close to the device as possible. Connecting
the input capacitor through short, wide traces to both the V+ and GND pins reduces the inductive voltage
spikes that occur during switching which can corrupt the V+ line
•
Place COUT on the top layer (same layer as the LM2664) and as close as possible to the OUT and GND pin.
The returns for both CIN and COUT should come together at one point, as close to the GND pin as possible.
Connecting COUT through short, wide traces reduce the series inductance on the OUT and GND pins that can
corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding circuitry.
•
Place C1 on the top layer (same layer as the LM2664) and as close to the device as possible. Connect the
flying capacitor through short, wide traces to both the CAP+ and CAP– pins.
11.2 Layout Example
Figure 17. LM2664 Layout Example
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com