Electronic Components Datasheet Search
  English  ▼

X  

LM2830XMF Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830XMF
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830XMF Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM2830XMF Datasheet HTML 19Page - Texas Instruments LM2830XMF Datasheet HTML 20Page - Texas Instruments LM2830XMF Datasheet HTML 21Page - Texas Instruments LM2830XMF Datasheet HTML 22Page - Texas Instruments LM2830XMF Datasheet HTML 23Page - Texas Instruments LM2830XMF Datasheet HTML 24Page - Texas Instruments LM2830XMF Datasheet HTML 25Page - Texas Instruments LM2830XMF Datasheet HTML 26Page - Texas Instruments LM2830XMF Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
LDO
C5
U2
D2
L2
R1
R2
EN
FB
SW
VINA
VIND
GND
VO = 3.3V @ 1.0A
VO = 5V @ 150mA
C4
C6
C2
C3
D1
L1
U1
C1
LM2830
VIN = 5V
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
8.2.7 LM2830X Buck Converter and Voltage Double Circuit With LDO Follower
Figure 28 shows an example where the LM2830 device is used to provide regulated output voltage (3.3 V) as
well as input voltage for an LDO, effectively providing solution with two output voltages.
Figure 28. LM2830X (1.6 MHz): Vin = 5 V, Vo = 3.3 V at 1.0 A and LP2986-5.0 at 150-mA Schematic
Table 8. Bill of Materials
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
1.0-A Buck Regulator
TI
LM2830X
U2
200-mA LDO
TI
LP2986-5.0
C1, Input Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C3 – C6
2.2 µF, 6.3 V, X5R
TDK
C1608X5R0J225M
D1, Catch Diode
0.3 Vf Schottky 1.5 A, 30 VR
TOSHIBA
CRS08
D2
0.4 Vf Schottky 20 VR, 500 mA
ON Semi
MBR0520
L2
10 µH, 800 mA
CoilCraft
ME3220-103
L1
3.3 µH, 2.2 A
TDK
VLCF5020T-3R3N2R0-1
R2
45.3 k
Ω, 1%
Vishay
CRCW08054532F
R1
10.0 k
Ω, 1%
Vishay
CRCW08051002F
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com