| Electronic Components Datasheet Search |
|
LM2830XMF Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2830XMF Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 37 page ![]() R6JA= TJ - TA Power R6= T Power LM2830, LM2830-Q1 SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014 www.ti.com 11 Device and Documentation Support 11.1 Device Support 11.1.1 Third-Party Products Disclaimer TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE. 11.1.2 Thermal Definitions TJ Chip junction temperature TA Ambient temperature RθJC Thermal resistance from chip junction to device case RθJA Thermal resistance from chip junction to ambient air Heat in the LM2830 device due to internal power dissipation is removed through conduction and/or convection. Conduction: Heat transfer occurs through cross sectional areas of material. Depending on the material, the transfer of heat can be considered to have poor to good thermal conductivity properties (insulator vs. conductor). Heat Transfer goes as: Silicon → package → lead frame → PCB Convection: Heat transfer is by means of airflow. This could be from a fan or natural convection. Natural convection occurs when air currents rise from the hot device to cooler air. Thermal impedance is defined as: (39) Thermal impedance from the silicon junction to the ambient air is defined as: (40) 11.2 Related Links The table below lists quick access links. Categories include technical documents, support and community resources, tools and software, and quick access to sample or buy. Table 9. Related Links TECHNICAL TOOLS & SUPPORT & PARTS PRODUCT FOLDER SAMPLE & BUY DOCUMENTS SOFTWARE COMMUNITY LM2830 Click here Click here Click here Click here Click here LM2830-Q1 Click here Click here Click here Click here Click here 11.3 Trademarks All trademarks are the property of their respective owners. 11.4 Electrostatic Discharge Caution These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 28 Submit Documentation Feedback Copyright © 2006–2014, Texas Instruments Incorporated Product Folder Links: LM2830 LM2830-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |