Electronic Components Datasheet Search
  English  ▼

X  

LM2830XMF Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830XMF
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830XMF Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM2830XMF Datasheet HTML 21Page - Texas Instruments LM2830XMF Datasheet HTML 22Page - Texas Instruments LM2830XMF Datasheet HTML 23Page - Texas Instruments LM2830XMF Datasheet HTML 24Page - Texas Instruments LM2830XMF Datasheet HTML 25Page - Texas Instruments LM2830XMF Datasheet HTML 26Page - Texas Instruments LM2830XMF Datasheet HTML 27Page - Texas Instruments LM2830XMF Datasheet HTML 28Page - Texas Instruments LM2830XMF Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
Layout Example (continued)
Figure 30. PCB Layout Example
10.3 Thermal Considerations
The PCB size, weight of copper used to route traces and ground plane, and number of layers within the PCB can
greatly effect RθJA. The type and number of thermal vias can also make a large difference in the thermal
impedance. Thermal vias are necessary in most applications. They conduct heat from the surface of the PCB to
the ground plane. Four to six thermal vias should be placed under the exposed pad to the ground plane if the
WSON package is used.
Thermal impedance also depends on the thermal properties of the application operating conditions (Vin, Vo, Io
etc), and the surrounding circuitry.
Silicon Junction Temperature Determination Method 1:
To accurately measure the silicon temperature for a given application, two methods can be used. The first
method requires the user to know the thermal impedance of the silicon junction to top case temperature.
Some clarification needs to be made before we go any further.
RθJC is the thermal impedance from all six sides of an IC package to silicon junction.
RΦJC is the thermal impedance from top case to the silicon junction.
In this data sheet we will use RΦJC so that it allows the user to measure top case temperature with a small
thermocouple attached to the top case.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com