Electronic Components Datasheet Search
  English  ▼

X  

LM2831 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2831
Description  LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2831 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2831 Datasheet HTML 5Page - Texas Instruments LM2831 Datasheet HTML 6Page - Texas Instruments LM2831 Datasheet HTML 7Page - Texas Instruments LM2831 Datasheet HTML 8Page - Texas Instruments LM2831 Datasheet HTML 9Page - Texas Instruments LM2831 Datasheet HTML 10Page - Texas Instruments LM2831 Datasheet HTML 11Page - Texas Instruments LM2831 Datasheet HTML 12Page - Texas Instruments LM2831 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
cv
S
R
R
Q
GND
FB
SW
VIN
EN
+
-
DRIVER
Artificial
Ramp
SHDN
Thermal
SHDN
OVP
1.6 MHz
Comp
Internal -
SENSE
I
LIMIT
I
LDO
Internal -
START
SOFT -
PFET
SENSE
I
ENABLE and UVLO
15
.
1
x
REF
V
Control Logic
VREF = 0.6V
LM2831
www.ti.com
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The LM2831 device is a constant-frequency PWM buck regulator IC that delivers a 1.5-A load current. The
regulator has a preset switching frequency of 550 kHz, 1.6 MHz, or 3 MHz. This high-frequency allows the
LM2831 to operate with small surface mount capacitors and inductors, resulting in a DC-DC converter that
requires a minimum amount of board space. The LM2831 is internally compensated, so the device is simple to
use and requires few external components.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Theory of Operation
The LM2831 uses current-mode control to regulate the output voltage. The following operating description of the
LM2831 will refer to Functional Block Diagram and to the waveforms in Figure 18. The LM2831 supplies a
regulated output voltage by switching the internal PMOS control switch at constant-frequency and variable duty
cycle. A switching cycle begins at the falling edge of the reset pulse generated by the internal oscillator. When
this pulse goes low, the output control logic turns on the internal PMOS control switch. During this on-time, the
SW pin voltage (VSW) swings up to approximately VIN, and the inductor current (IL) increases with a linear slope.
IL is measured by the current sense amplifier, which generates an output proportional to the switch current. The
sense signal is summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com