Electronic Components Datasheet Search
  English  ▼

X  

LM2831 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2831
Description  LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2831 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2831 Datasheet HTML 8Page - Texas Instruments LM2831 Datasheet HTML 9Page - Texas Instruments LM2831 Datasheet HTML 10Page - Texas Instruments LM2831 Datasheet HTML 11Page - Texas Instruments LM2831 Datasheet HTML 12Page - Texas Instruments LM2831 Datasheet HTML 13Page - Texas Instruments LM2831 Datasheet HTML 14Page - Texas Instruments LM2831 Datasheet HTML 15Page - Texas Instruments LM2831 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
LM2831
R2
R1
C2
VO = 1.2V @ 1.5A
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2831 device will operate with input voltage range from 3 V to 5.5 V and provide a regulated output
voltage. This device is optimized for high-efficiency operation with minimum number of external components. For
component selection, see Detailed Design Procedure.
8.2 Typical Applications
8.2.1 LM2831X Design Example 1
Figure 19. LM2831X (1.6 MHz): VIN = 5 V, VO = 1.2 V at 1.5 A
8.2.1.1 Design Requirements
The device must be able to operate at any voltage within the recommended operating range. Load current must
be defined to properly size the inductor, input, and output capacitors. Inductor should be able to handle full
expected load current as well as the peak current generated during load transients and start up. Inrush current at
start-up will depend on the output capacitor selection. More details are provided in Detailed Design Procedure.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com