Electronic Components Datasheet Search
  English  ▼

X  

LM2831 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2831
Description  LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2831 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2831 Datasheet HTML 15Page - Texas Instruments LM2831 Datasheet HTML 16Page - Texas Instruments LM2831 Datasheet HTML 17Page - Texas Instruments LM2831 Datasheet HTML 18Page - Texas Instruments LM2831 Datasheet HTML 19Page - Texas Instruments LM2831 Datasheet HTML 20Page - Texas Instruments LM2831 Datasheet HTML 21Page - Texas Instruments LM2831 Datasheet HTML 22Page - Texas Instruments LM2831 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
LM2831
R2
R1
C2
VO = 3.3V @ 1.5A
LM2831
www.ti.com
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
8.2.4 LM2831Y Design Example 4
Figure 26. LM2831Y (550 kHz): VIN = 5 V, VOUT = 3.3 V at 1.5 A
Table 4. Bill of Materials
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
1.5-A Buck Regulator
TI
LM2831Y
C1, Input Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
2x22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3 Vf Schottky 1.5 A, 30 VR
TOSHIBA
CRS08
L1
4.7 µH 2.1 A
TDK
SLF7045T-4R7M2R0-PF
R1
45.3 k
Ω, 1%
Vishay
CRCW080545K3FKEA
R2
10.0 k
Ω, 1%
Vishay
CRCW08051002F
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com