Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3677 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3677 Datasheet HTML 5Page - Texas Instruments LM3677 Datasheet HTML 6Page - Texas Instruments LM3677 Datasheet HTML 7Page - Texas Instruments LM3677 Datasheet HTML 8Page - Texas Instruments LM3677 Datasheet HTML 9Page - Texas Instruments LM3677 Datasheet HTML 10Page - Texas Instruments LM3677 Datasheet HTML 11Page - Texas Instruments LM3677 Datasheet HTML 12Page - Texas Instruments LM3677 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM3677
www.ti.com
SNVS502F – MARCH 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3677, Circuit of Figure 1, VIN = 3.6V, VOUT = 1.8V, TA = 25°C, unless otherwise noted.
Line Transient Response
Line Transient Response
VOUT = 1.3V (PWM Mode)
VOUT = 1.8V (PWM Mode)
Figure 23.
Figure 24.
Line Transient Response
Line Transient Response
VOUT = 1.8V (PWM Mode)
VOUT = 2.5V (PWM Mode)
Figure 25.
Figure 26.
Load Transient Response (VOUT = 1.3V)
Load Transient Response (VOUT = 1.3V)
(PFM Mode 1mA to 50mA)
(PFM Mode 50mA to 1mA)
Figure 27.
Figure 28.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com