Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3677 Datasheet(HTML) 2 Page - Texas Instruments

  LM3677 Datasheet HTML 1Page - Texas Instruments LM3677 Datasheet HTML 2Page - Texas Instruments LM3677 Datasheet HTML 3Page - Texas Instruments LM3677 Datasheet HTML 4Page - Texas Instruments LM3677 Datasheet HTML 5Page - Texas Instruments LM3677 Datasheet HTML 6Page - Texas Instruments LM3677 Datasheet HTML 7Page - Texas Instruments LM3677 Datasheet HTML 8Page - Texas Instruments LM3677 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
6 GND
TOP VIEW
SW 2
EN 3
BOTTOM VIEW
VIN 1
5 SW
4 FB
6 GND
5 SW
4 FB
VIN 1
SW 2
EN 3
Top View
Bottom View
A1
A3
Vin
EN
FB
SW
GND
Vin
EN
GND
SW
FB
C1
C3
B2
A3
A1
C3
C1
B2
LM3677
SNVS502F – MARCH 2007 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The device offers superior features and performance for mobile phones and similar portable applications with
complex power management systems. Automatic intelligent switching between PWM low-noise and PFM low-
current mode offers improved system control. During PWM mode operation, the device operates at a fixed
frequency of 3 MHz (typ). PWM mode drives loads from ~ 80 mA to 600 mA max. Hysteretic PFM mode extends
the battery life by reducing the quiescent current to 16 µA (typ.) during light load and standby operation. Internal
synchronous rectification provides high efficiency. In shutdown mode (Enable pin pulled down), the device turns
off and reduces battery consumption to 0.01 µA (typ.).
The LM3677 is available in a lead-free (NOPB) 5-bump DSBGA package and 6-pin USON package. A switching
frequency of 3 MHz (typ.) allows use of tiny surface-mount components. Only three external surface-mount
components, an inductor and two ceramic capacitors, are required.
CONNECTION DIAGRAMS
5-Bump DSBGA Package
See Package Number YZR0005
6-Pin USON Package
See Package Number NGE0006A
PIN DESCRIPTIONS(1)
Name
Pin No.
Description
VIN
A1
1
Power supply input. Connect to the input filter capacitor (Figure 1).
GND
A3
6
Ground pin.
EN
C1
3
Enable pin. The device is in shutdown mode when voltage to this pin is < 0.4V and
enabled when > 1.0V. Do not leave this pin floating.
FB
C3
4
Feedback analog input. Connect directly to the output filter capacitor ( FIGURE 1).
SW
B2
2, 5
Switching node connection to the internal PFET switch and NFET synchronous
rectifier.
(1)
For output voltage 1.2V or lower, input voltage needs to be derated to the range of 2.7V to 5.0V in order to perform within specification.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com