Electronic Components Datasheet Search
  English  ▼

X  

LM3677 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3677 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3677 Datasheet HTML 9Page - Texas Instruments LM3677 Datasheet HTML 10Page - Texas Instruments LM3677 Datasheet HTML 11Page - Texas Instruments LM3677 Datasheet HTML 12Page - Texas Instruments LM3677 Datasheet HTML 13Page - Texas Instruments LM3677 Datasheet HTML 14Page - Texas Instruments LM3677 Datasheet HTML 15Page - Texas Instruments LM3677 Datasheet HTML 16Page - Texas Instruments LM3677 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM3677
www.ti.com
SNVS502F – MARCH 2007 – REVISED MAY 2013
OPERATION DESCRIPTION
DEVICE INFORMATION
The LM3677, a high-efficiency step-down DC-DC switching buck converter, delivers a constant voltage from a
single Li-Ion battery and input voltage rails from 2.7V to 5.5V to devices such as cell phones and PDAs. Using a
voltage-mode architecture with synchronous rectification, the LM3677 has the ability to deliver up to 600 mA
depending on the input voltage and output voltage, ambient temperature, and the inductor chosen.
There are three modes of operation depending on the current required: PWM (Pulse Width Modulation), PFM
(Pulse Frequency Modulation), and shutdown. The device operates in PWM mode at load current of
approximately 80 mA or higher, having a voltage precision of ±2.5% with 90% efficiency or better. Lighter load
current causes the device to automatically switch into PFM mode for reduced current consumption (IQ = 16 µA
typ.) and a longer battery life. Shutdown mode turns off the device, offering the lowest current consumption
(ISHUTDOWN = 0.01 µA (typ.).
Additional features include soft-start, under voltage protection, current overload protection, and thermal shutdown
protection. As shown in Figure 1, only three external power components are required for implementation.
The part uses an internal reference voltage of 0.5V. It is recommended to keep the part in shutdown until the
input voltage exceeds 2.7V.
CIRCUIT OPERATION
The LM3677 operates as follows. During the first portion of each switching cycle, the control block in the LM3677
turns on the internal PFET switch. This allows current to flow from the input through the inductor to the output
filter capacitor and load. The inductor limits the current to a ramp with a slope of (VIN–VOUT)/L, by storing energy
in a magnetic field.
During the second portion of each cycle, the controller turns the PFET switch off, blocking current flow from the
input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET to the output filter capacitor and load, which ramps the inductor current down with a slope of - VOUT/L.
The output filter stores charge when the inductor current is high, and releases it when inductor current is low,
smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch-on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter capacitor. The
output voltage is equal to the average voltage at the SW pin.
PWM OPERATION
During PWM operation, the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve good load and line regulation. The DC gain of the power stage is proportional to
the input voltage. To eliminate this dependence, feed forward inversely proportional to the input voltage is
introduced.
While in PWM mode, the output voltage is regulated by switching at a constant frequency and then modulating
the energy per cycle to control power to the load. At the beginning of each clock cycle the PFET switch is turned
on and the inductor current ramps up until the comparator trips and the control logic turns off the switch. The
current limit comparator can also turn off the switch in case the current limit of the PFET is exceeded. Then the
NFET switch is turned on and the inductor current ramps down. The next cycle is initiated by the clock turning off
the NFET and turning on the PFET.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com