Electronic Components Datasheet Search
  English  ▼

X  

LM20144 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM20144
Description  4A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20144 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM20144 Datasheet HTML 12Page - Texas Instruments LM20144 Datasheet HTML 13Page - Texas Instruments LM20144 Datasheet HTML 14Page - Texas Instruments LM20144 Datasheet HTML 15Page - Texas Instruments LM20144 Datasheet HTML 16Page - Texas Instruments LM20144 Datasheet HTML 17Page - Texas Instruments LM20144 Datasheet HTML 18Page - Texas Instruments LM20144 Datasheet HTML 19Page - Texas Instruments LM20144 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
RT =
154750
fSW
- 55
RFB1 =
- 1
VOUT
0.8
x RFB2
LM20144
SNVS529G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
As indicated by the RMS ripple current equation, highest requirement for RMS current rating occurs at 50% duty
cycle. For this case, the RMS ripple current rating of the input capacitor should be greater than half the output
current. For best performance, low ESR ceramic capacitors should be placed in parallel with higher capacitance
capacitors to provide the best input filtering for the device.
SETTING THE OUTPUT VOLTAGE (RFB1, RFB2)
The resistors RFB1 and RFB2 are selected to set the output voltage for the device. Table 1, shown below, provides
suggestions for RFB1 and RFB2 for common output voltages.
Table 1. Suggested Values for RFB1 and RFB2
RFB1(kΩ)
RFB2(kΩ)
VOUT
short
open
0.8
4.99
10
1.2
8.87
10.2
1.5
12.7
10.2
1.8
21.5
10.2
2.5
31.6
10.2
3.3
If different output voltages are required, RFB2 should be selected to be between 4.99 kΩ to 49.9 kΩ and RFB1 can
be calculated using the equation below.
(7)
ADJUSTING THE OPERATING FREQUENCY (RT)
The operating frequency of the LM20144 can be adjusted by connecting a resistor from the RT pin to ground.
The equation shown below can be used to calculate the value of RT for a given operating frequency.
where
•
fSW is the switching frequency in kHz
•
RT is the frequency adjust resistor in kΩ
(8)
Please refer to the curve Oscillator Frequency verses RT in the typical performance characteristics section If the
RT resistor is omitted, the device will not operate.
LOOP COMPENSATION (RC1, CC1)
The purpose of loop compensation is to meet static and dynamic performance requirements while maintaining
adequate stability. Optimal loop compensation depends on the output capacitor, inductor, load, and the device
itself. Table 2 below gives values for the compensation network that will result in a stable system when using a
100 µF, 6.3V ceramic X5R output capacitor and 1 µH inductor.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com