Electronic Components Datasheet Search
  English  ▼

X  

LM20144 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM20144
Description  4A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20144 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM20144 Datasheet HTML 13Page - Texas Instruments LM20144 Datasheet HTML 14Page - Texas Instruments LM20144 Datasheet HTML 15Page - Texas Instruments LM20144 Datasheet HTML 16Page - Texas Instruments LM20144 Datasheet HTML 17Page - Texas Instruments LM20144 Datasheet HTML 18Page - Texas Instruments LM20144 Datasheet HTML 19Page - Texas Instruments LM20144 Datasheet HTML 20Page - Texas Instruments LM20144 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AM
fSW/2
0 dB
FREQUENCY (Hz)
Error Amp Zero, fZ(EA)
Complex Double Pole, fP(MOD)
Optional Error Amp
Pole, fP2(EA)
0 dB
0 dB
AEA + AM
AEA
Error Amp Pole, fP1(EA)
Complex Double Pole, fP(MOD)
Output Filter Zero, fZ(FIL)
Output Filter Pole, fP(FIL)
fC
Error Amp Pole, fP(EA)
LM20144
www.ti.com
SNVS529G – OCTOBER 2007 – REVISED MARCH 2013
Table 2. Recommended Compensation for
COUT = 100 µF, L = 1 µH & fSW = 1 MHz
VIN
VOUT
CC1 (nF)
RC1 (kΩ)
5.00
3.30
4.7
17.8
5.00
2.50
4.7
12.7
5.00
1.80
4.7
8.25
5.00
1.50
4.7
5.9
5.00
1.20
4.7
3.92
5.00
0.80
4.7
1.24
3.30
1.80
4.7
10
3.30
1.50
4.7
7.15
3.30
1.20
4.7
4.87
3.30
0.80
4.7
1.24
If the desired solution differs from the table above the loop transfer function should be analyzed to optimize the
loop compensation. The overall loop transfer function is the product of the power stage and the feedback network
transfer functions. For stability purposes, the objective is to have a loop gain slope that is -20db/decade from a
very low frequency to beyond the crossover frequency. Figure 30, shown below, shows the transfer functions for
power stage, feedback/compensation network, and the resulting closed loop system for the LM20144.
Figure 30. LM20144 Loop Compensation
The power stage transfer function is dictated by the modulator, output LC filter, and load; while the feedback
transfer function is set by the feedback resistor ratio, error amp gain, and external compensation network.
To achieve a -20dB/decade slope, the error amplifier zero, located at fZ(EA), should positioned to cancel the
output filter pole (fP(FIL)). An additional error amp pole, located at fP2(EA), can be added to cancel the output filter
zero at fZ(FIL). Cancellation of the output filter zero is recommended if larger value, non-ceramic output capacitors
are used.
Compensation of the LM20144 is achieved by adding an RC network as shown in Figure 31 below.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM20144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com