Electronic Components Datasheet Search
  English  ▼

X  

LM20144 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM20144
Description  4A PowerWise Adjustable Frequency Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20144 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM20144 Datasheet HTML 14Page - Texas Instruments LM20144 Datasheet HTML 15Page - Texas Instruments LM20144 Datasheet HTML 16Page - Texas Instruments LM20144 Datasheet HTML 17Page - Texas Instruments LM20144 Datasheet HTML 18Page - Texas Instruments LM20144 Datasheet HTML 19Page - Texas Instruments LM20144 Datasheet HTML 20Page - Texas Instruments LM20144 Datasheet HTML 21Page - Texas Instruments LM20144 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
CC2 =
COUT x RESR
RC1
fZ(FIL) =
1
2 x S x COUT x RESR
RC1 =
x
CC1
COUT
IOUT
VOUT
+
15 x D
VIN
-1
+
1-D
fSW x L
COMP
CC1
RC1
CC2
LM20144
(optional)
LM20144
SNVS529G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Figure 31. Compensation Network for LM20144
A good starting value for CC1 for most applications is 4.7 nF. Once the value of CC1 is chosen the value of RC
should be calculated using the equation below to cancel the output filter pole (fP(FIL)) as shown in Figure 30.
(9)
A higher crossover frequency can be obtained, usually at the expense of phase margin, by lowering the value of
CC1 and recalculating the value of RC1. Likewise, increaseing CC1 and recalculating RC1 will provide additional
phase margin at a lower crossover frequency. As with any attempt to compensate the LM20144 the stability of
the system should be verified for desired transient droop and settling time.
If the output filter zero, fZ(FIL) approaches the crossover frequency (FC), an additional capacitor (CC2) should be
placed at the COMP pin to ground. This capacitor adds a pole to cancel the output filter zero assuring the
crossover frequency will occur before the double pole at fSW/2 degrades the phase margin. The output filter zero
is set by the output capacitor value and ESR as shown in the equation below.
(10)
If needed, the value for CC2 should be calculated using the equation shown below.
where
•
RESR is the output capacitor series resistance
•
RC1 is the calculated compensation resistance
(11)
AVIN FILTERING COMPONENTS (CF and RF)
To prevent high frequency noise spikes from disturbing the sensitive analog circuitry connected to the AVIN and
AGND pins, a high frequency RC filter is required between PVIN and AVIN. These components are shown in
Figure 28. as CF and RF. The required value for RF is 1Ω. CF must be used. Recommended value of CF is 1.0
µF. The filter capacitor, CF should be placed as close to the IC as possible with a direct connection from AVIN to
AGND. A good quality X5R or X7R ceramic capacitor should be used for CF.
SUB-REGULATOR BYPASS CAPACITOR (CVCC)
The capacitor at the VCC pin provides noise filtering and stability for the internal sub-regulator. The
recommended value of CVCC should be no smaller than 1 µF and no greater than 10 µF. The capacitor should be
a good quality ceramic X5R or X7R capacitor. In general, a 1 µF ceramic capacitor is recommended for most
applications.
SETTING THE START UP TIME (CSS)
The addition of a capacitor connected from the SS pin to ground sets the time at which the output voltage will
reach the final regulated value. Larger values for CSS will result in longer start up times. Table 3, shown below
provides a list of soft start capacitors and the corresponding typical start up times.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com