Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM25005
Description  LM25005 42V, 2.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25005 Datasheet(HTML) 1 Page - Texas Instruments

  LM25005 Datasheet HTML 1Page - Texas Instruments LM25005 Datasheet HTML 2Page - Texas Instruments LM25005 Datasheet HTML 3Page - Texas Instruments LM25005 Datasheet HTML 4Page - Texas Instruments LM25005 Datasheet HTML 5Page - Texas Instruments LM25005 Datasheet HTML 6Page - Texas Instruments LM25005 Datasheet HTML 7Page - Texas Instruments LM25005 Datasheet HTML 8Page - Texas Instruments LM25005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BST
SW
COMP
FB
SS
RAMP RT
VCC
VIN
OUT
IS
GND
LM25005
VIN
VOUT
SD
SYNC
LM25005
www.ti.com
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
LM25005 42V, 2.5A Step-Down Switching Regulator
Check for Samples: LM25005
1
FEATURES
DESCRIPTION
The LM25005 switching regulator features all of the
2
•
Integrated 42V, 160m
Ω N-Channel MOSFET
functions necessary to implement an efficient, high
•
Ultra-Wide Input Voltage Range from 7V to 42V
voltage buck regulator using a minimum of external
•
Internal Bias Regulator
components. This easy to use regulator includes a
42V, 160m
Ω, N-channel MOSFET, with an output
•
Adjustable Output Voltage from 1.225V
current capability of 2.5 Amps. The regulator control
•
1.5% Feedback Reference Accuracy
method is based upon current mode control utilizing
•
Current Mode Control with Emulated Inductor
an emulated current ramp. Current mode control
Current Ramp
provides inherent line voltage feed-forward, cycle-by-
cycle current limiting and ease of loop compensation.
•
Single Resistor Oscillator Frequency Setting
The use of an emulated control ramp reduces noise
•
Oscillator Synchronization Input
sensitivity of the pulse-width modulation circuit,
•
Programmable Soft-Start
allowing reliable control of very small duty cycles
necessary in high input voltage applications. The
•
Shutdown / Standby Input
operating frequency is programmable from 50kHz to
•
Wide Bandwidth Error Amplifier
500kHz. An oscillator synchronization pin allows
•
Thermal Shutdown
multiple LM25005 regulators to self-synchronize or to
be synchronized to an external clock. Additional
protection features include: current limit, thermal
shutdown and remote shutdown capability. The
device is available in a power enhanced HTSSOP
package featuring an exposed die attach pad to aid
thermal dissipation.
Package
•
HTSSOP (Exposed Pad)
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM25005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI2-LM25005 Datasheet
616Kb / 30P
LM25005 42V, 2.5A Step-Down Switching Regulator
REVISED MARCH 2013
logo
National Semiconductor ...
LM25005MH NSC-LM25005MH Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005MH NSC-LM25005MH Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
More results

Similar Description - LM25005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3975 LINER-LT3975_15 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com