Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM25005
Description  LM25005 42V, 2.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25005 Datasheet(HTML) 2 Page - Texas Instruments

  LM25005 Datasheet HTML 1Page - Texas Instruments LM25005 Datasheet HTML 2Page - Texas Instruments LM25005 Datasheet HTML 3Page - Texas Instruments LM25005 Datasheet HTML 4Page - Texas Instruments LM25005 Datasheet HTML 5Page - Texas Instruments LM25005 Datasheet HTML 6Page - Texas Instruments LM25005 Datasheet HTML 7Page - Texas Instruments LM25005 Datasheet HTML 8Page - Texas Instruments LM25005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
VIN
PRE
COMP
VCC
SW
PGND
IS
RT
SS
11
12
13
14
15
16
RAMP
SYNC
OUT
SD
BST
AGND
FB
17
18
19
20
PGND
IS
VIN
SW
LM25005
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
20-Lead HTSSOP
PIN DESCRIPTIONS
Pin(S)
Name
Description
Application Information
Vcc tracks Vin up to 9V. Beyond 9V, Vcc is regulated to 7 Volts.
A 0.1uF to 1uF ceramic decoupling capacitor is required. An
1
VCC
Output of the bias regulator
external voltage (7.5V – 14V) can be applied to this pin to
reduce internal power dissipation.
If the SD pin voltage is below 0.7V the regulator will be in a low
power state. If the SD pin voltage is between 0.7V and 1.225V
the regulator will be in standby mode. If the SD pin voltage is
2
SD
Shutdown or UVLO input
above 1.225V the regulator will be operational. An external
voltage divider can be used to set a line undervoltage shutdown
threshold. If the SD pin is left open circuit, a 5µA pull-up current
source configures the regulator fully operational.
3, 4
Vin
Input supply voltage
Nominal operating range: 7V to 42V
The internal oscillator can be synchronized to an external clock
5
SYNC
Oscillator synchronization input or output
with an external pull-down device. Multiple LM25005 devices
can be synchronized together by connection of their SYNC pins.
The loop compensation network should be connected between
6
COMP
Output of the internal error amplifier
this pin and the FB pin.
This pin is connected to the inverting input of the internal error
7
FB
Feedback signal from the regulated output
amplifier. The regulation threshold is 1.225V.
The internal oscillator is set with a single resistor, connected
8
RT
Internal oscillator frequency set input
between this pin and the AGND pin. The recommended
frequency range is 50KHz to 500KHz.
An external capacitor connected between this pin and the AGND
9
RAMP
Ramp control signal
pin sets the ramp slope used for current mode control.
Recommended capacitor range 50pF to 2000pF.
10
AGND
Analog ground
Internal reference for the regulator control functions
An external capacitor and an internal 10µA current source set
the time constant for the rise of the error amp reference. The SS
11
SS
Soft-start
pin is held low during standby, Vcc UVLO and thermal
shutdown.
12
OUT
Output voltage connection
Connect directly to the regulated output voltage.
13, 14
PGND
Power ground
Low side reference for the PRE switch and the IS sense resistor.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com