Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM25005
Description  LM25005 42V, 2.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25005 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM25005 Datasheet HTML 10Page - Texas Instruments LM25005 Datasheet HTML 11Page - Texas Instruments LM25005 Datasheet HTML 12Page - Texas Instruments LM25005 Datasheet HTML 13Page - Texas Instruments LM25005 Datasheet HTML 14Page - Texas Instruments LM25005 Datasheet HTML 15Page - Texas Instruments LM25005 Datasheet HTML 16Page - Texas Instruments LM25005 Datasheet HTML 17Page - Texas Instruments LM25005 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
L1 =
5V x (42V ± 5V)
0.5A x 300 kHz x 42V
= 29 PH
L1 =
VOUT x (VIN(max) ± VOUT)
IRIPPLE x FS x VIN(max)
IPK+
0 mA
IPK-
IO
IRIPPLE
1/Fs
RT =
[(1 / 300 x 10
3) ± 580 x 10-9]
135 x 10
-12
LM25005
SNVS411C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
EXTERNAL COMPONENTS
The procedure for calculating the external components is illustrated with the following design example. The Bill of
Materials for this design is listed in 5V, 2.5A Demo Board Bill of Materials. The circuit shown in Typical
Application Circuit and Block Diagram is configured for the following specifications:
•
VOUT = 5V
•
VIN = 7V to 42V
•
Fs = 300 KHz
•
Minimum load current (for CCM) = 250 mA
•
Maximum load current = 2.5A
R3 (RT)
RT sets the oscillator switching frequency. Generally, higher frequency applications are smaller but have higher
losses. Operation at 300KHz was selected for this example as a reasonable compromise for both small size and
high efficiency. The value of RT for 300KHz switching frequency can be calculated as follows:
(3)
The nearest standard value of 21 k
Ω was chosen for RT.
L1
The inductor value is determined based on the operating frequency, load current, ripple current, and the
minimum and maximum input voltage (VIN(min), VIN(max)).
Figure 15. Inductor Current Waveform
To keep the circuit in continuous conduction mode (CCM), the maximum ripple current IRIPPLE should be less
than twice the minimum load current, or 0.5 Ap-p. Using this value of ripple current, the value of inductor (L1) is
calculated using the following:
(4)
(5)
This procedure provides a guide to select the value of L1. The nearest standard value (33 µH) will be used. L1
must be rated for the peak current (IPK+) to prevent saturation. During normal loading conditions, the peak current
occurs at maximum load current plus maximum ripple. During an overload condition the peak current is limited to
3.5A nominal (4.25A maximum). The selected inductor (see 5V, 2.5A Demo Board Bill of Materials) has a
conservative 6.2 Amp saturation current rating. For this manufacturer, the saturation rating is defined as the
current necessary for the inductance to reduce by 30%, at 20°C.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM25005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com