Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 2Page - Infineon Technologies AG TLE9263QX Datasheet HTML 3Page - Infineon Technologies AG TLE9263QX Datasheet HTML 4Page - Infineon Technologies AG TLE9263QX Datasheet HTML 5Page - Infineon Technologies AG TLE9263QX Datasheet HTML 6Page - Infineon Technologies AG TLE9263QX Datasheet HTML 7Page - Infineon Technologies AG TLE9263QX Datasheet HTML 8Page - Infineon Technologies AG TLE9263QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
TLE9263QX
Overview
Data Sheet
6
Rev. 1.1, 2014-09-26
Key Features
•
Very low quiescent current consumption in Stop- and Sleep Mode
•
Periodic Cyclic Wake in SBC Normal- and Stop Mode
•
Periodic Cyclic Sense in SBC Normal-, Stop- and Sleep Mode
•
Low-Drop Voltage Regulator 5V, 250mA
•
Low-Drop Voltage Regulator 5V, 100mA, protected features for off-board usage
•
Low-Drop Voltage Regulator, driving an external PNP transistor - 5V in load sharing configuration or 5V/3.3V
in stand-alone configuration, protected features for off-board usage. Current limitation by shunt resistor (up to
350mA with 470mΩ external shunt resistor) in stand-alone configuration
•
High-Speed CAN Transceiver:
– fully compliant to ISO11898-2 and ISO11898-5
– suitable for chokeless operation up to 500kbps
– supporting CAN FD communication up to 2 Mbps
•
Two LIN Transceivers LIN 2.2, J2602 with configurable TXD timeout feature and LIN Flash Mode
•
Fully compliant to “Hardware Requirements for LIN, CAN and FlexRay Interfaces in Automotive Applications”
Revision 1.3, 2012-05-04
•
Four High-Side Outputs 7Ω typ.
•
Dedicated supply pin for High-Side Outputs
•
Two General Purpose High-Voltage In- and Outputs (GPIOs) configurable as add. Fail Outputs, Wake Inputs,
Low-Side switches or High-Side switches
•
Three universal High-Voltage Wake Inputs for voltage level monitoring
•
Alternate High-Voltage Measurement Function, e.g. for battery voltage sensing
•
Configurable wake-up sources
•
Reset Output
•
Configurable timeout and window watchdog
•
Up to three Fail Outputs (depending on configuration)
•
Over temperature and short circuit protection feature
•
Wide supply input voltage and temperature range
•
Software compatible to all SBC families TLE926x and TLE927x
•
Green Product (RoHS compliant) & AEC Qualified
•
PG-VQFN-48 leadless exposed-pad power package with Lead Tip Inspection (LTI) feature to support
Automatic Optical Inspection (AOI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com