Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 5Page - Infineon Technologies AG TLE9263QX Datasheet HTML 6Page - Infineon Technologies AG TLE9263QX Datasheet HTML 7Page - Infineon Technologies AG TLE9263QX Datasheet HTML 8Page - Infineon Technologies AG TLE9263QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG TLE9263QX Datasheet HTML 11Page - Infineon Technologies AG TLE9263QX Datasheet HTML 12Page - Infineon Technologies AG TLE9263QX Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 164 page
background image
TLE9263QX
Pin Configuration
Data Sheet
9
Rev. 1.1, 2014-09-26
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1GND
Ground
2n.c.
not connected; internally not bonded.
3VCC3REF
VCC3REF; Collector connection for external PNP, reference input
4VCC3B
VCC3B; Base connection for external PNP
5VCC3SH
VCC3SH; Emitter connection for external PNP, shunt connection
6n.c.
not connected; internally not bonded.
7n.c.
not connected; internally not bonded.
8HS1
High Side Output 1; typ. 7Ω
9HS2
High Side Output 2; typ. 7Ω
10
HS3
High Side Output 3; typ. 7Ω
11
HS4
High Side Output 4; typ. 7Ω
12
n.c
not connected; internally not bonded.
13
VSHS
Supply Voltage HS, LIN and GPIO1/2 in HS configuration; Supply voltage for
High-Side Switches and LIN modules and respective UV-/OV supervision;
Connected to battery voltage with reverse protection diode and filter against
EMC; connect to VS if separate supply is not needed
14
VS
Supply Voltage; Supply voltage for chip internal supply and voltage
regulators; Connected to Battery Voltage with external reverse protection
Diode and Filter against EMC
15
VS
Supply Voltage; Supply voltage for chip internal supply and voltage
regulators; Connected to Battery Voltage with external reverse protection
Diode and Filter against EMC
16
n.c.
not connected; internally not bonded.
17
VCC1
Voltage Regulator Output 1
18
VCC2
Voltage Regulator Output 2
19
n.c.
not connected; internally not bonded.
20
GND
GND
21
FO1
Fail Output 1
22
WK1
Wake Input 1; Alternative function: HV-measurement function input pin
(only in combination with WK2, see Chapter 12.2.2)
23
WK2
Wake Input 2; Alternative function: HV-measurement function output pin
(only in combination with WK1, see Chapter 12.2.2)
24
WK3
Wake Input 3
25
TXDLIN2
Transmit LIN2
26
RXDLIN2
Receive LIN2
27
CLK
SPI Clock Input
28
SDI
SPI Data Input; into SBC (=MOSI)
29
SDO
SPI Data Output; out of SBC (=MISO)
30
CSN
SPI Chip Select Not Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com