Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 6Page - Infineon Technologies AG TLE9263QX Datasheet HTML 7Page - Infineon Technologies AG TLE9263QX Datasheet HTML 8Page - Infineon Technologies AG TLE9263QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263QX Datasheet HTML 10Page - Infineon Technologies AG TLE9263QX Datasheet HTML 11Page - Infineon Technologies AG TLE9263QX Datasheet HTML 12Page - Infineon Technologies AG TLE9263QX Datasheet HTML 13Page - Infineon Technologies AG TLE9263QX Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
TLE9263QX
Pin Configuration
Data Sheet
10
Rev. 1.1, 2014-09-26
Note: all VS Pins must be connected to battery potential or insert a reverse polarity diodes where required;
all GND pins as well as the Cooling Tab must be connected to one common GND potential;
31
INT
Interrupt Output; used as wake-up flag for microcontroller in SBC Stop or Normal
Mode and for indicating failures. Active low.
During start-up used to set the SBC configuration. External pull-up sets config 1/3,
no external pull-up sets config 2/4.
32
RO
Reset Output
33
TXDLIN1
Transmit LIN1
34
RXDLIN1
Receive LIN1
35
TXDCAN
Transmit CAN
36
RXDCAN
Receive CAN
37
VCAN
Supply Input; for internal HS-CAN cell
38
GND
GND
39
CANL
CAN Low Bus Pin
40
CANH
CAN High Bus Pin
41
n.c.
not connected; internally not bonded.
42
LIN1
LIN1 Bus; Bus line for the LIN interface, according to ISO. 9141 and LIN
specification 2.2 as well as SAE J2602-2.
43
GND
Ground
44
LIN2
LIN2 Bus; Bus line for the LIN interface, according to ISO. 9141 and LIN
specification 2.2 as well as SAE J2602-2.
45
n.c.
not connected; internally not bonded.
46
n.c.
not connected; internally not bonded.
47
FO2
Fail Output 2 - Side Indicator; Side indicators 1.25Hz 50% duty cycle output;
Open drain. Active LOW.
Alternative Function: GPIO1; configurable pin as WK, or LS, or HS supplied by
VSHS (default is FO2, see also Chapter 14.1.1)
48
FO3/TEST
Fail Output 3 - Pulsed Light Output; Break/rear light 100Hz 20% duty cycle output;
Open drain. Active LOW
TEST; Connect to GND to activate SBC Software Development Mode;
Integrated pull-up resistor. Connect to VS with pull-up resistor or leave open for
normal operation.
Alternative Function: GPIO2; configurable pin as WK, or LS, or HS supplied by
VSHS (default is FO3, see also Chapter 14.1.1)
Cooling
Tab
GND
Cooling Tab - Exposed Die Pad; For cooling purposes only, do not use as an
electrical ground.1)
1) The exposed die pad at the bottom of the package allows better power dissipation of heat from the SBC via the PCB. The
exposed die pad is not connected to any active part of the IC an can be left floating or it can be connected to GND
(recommended) for the best EMC performance.
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com