Electronic Components Datasheet Search
  English  ▼

X  

SIR484DP Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIR484DP
Description  N-Channel 20-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR484DP Datasheet(HTML) 1 Page - Vishay Telefunken

  SIR484DP Datasheet HTML 1Page - Vishay Telefunken SIR484DP Datasheet HTML 2Page - Vishay Telefunken SIR484DP Datasheet HTML 3Page - Vishay Telefunken SIR484DP Datasheet HTML 4Page - Vishay Telefunken SIR484DP Datasheet HTML 5Page - Vishay Telefunken SIR484DP Datasheet HTML 6Page - Vishay Telefunken SIR484DP Datasheet HTML 7Page - Vishay Telefunken SIR484DP Datasheet HTML 8Page - Vishay Telefunken SIR484DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR484DP
Document Number: 69024
S-82664-Rev. A, 03-Nov-08
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
FEATURES
•
Halogen-free
• TrenchFET® Power MOSFET
•
Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
•
Optimized
for
High-Side
Synchronous
Rectifier
Operation
•
100 % Rg Tested
•
100 % UIS Tested
APPLICATIONS
•
Notebook CPU Core
- High-Side Switch
•
POL
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, g
Qg (Typ.)
20
0.0083 at VGS = 10 V
20
7.1 nC
0.0115 at VGS = 4.5 V
20
Ordering Information: SiR484DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Base on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (h
ttp://www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 70 °C/W.
g. Package Limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
20g
A
TC = 70 °C
20g
TA = 25 °C
17.2b, c
TA = 70 °C
13.7b, c
Pulsed Drain Current
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
20g
TA = 25 °C
3.2b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
22
Avalanche Energy
EAS
24
mJ
Maximum Power Dissipation
TC = 25 °C
PD
29.8
W
TC = 70 °C
19.0
TA = 25 °C
3.9b, c
TA = 70 °C
2.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
27
32
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.5
4.2


Similar Part No. - SIR484DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
More results

Similar Description - SIR484DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com