Electronic Components Datasheet Search
  English  ▼

X  

SIR484DP Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SIR484DP
Description  N-Channel 20-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR484DP Datasheet(HTML) 5 Page - Vishay Telefunken

  SIR484DP Datasheet HTML 1Page - Vishay Telefunken SIR484DP Datasheet HTML 2Page - Vishay Telefunken SIR484DP Datasheet HTML 3Page - Vishay Telefunken SIR484DP Datasheet HTML 4Page - Vishay Telefunken SIR484DP Datasheet HTML 5Page - Vishay Telefunken SIR484DP Datasheet HTML 6Page - Vishay Telefunken SIR484DP Datasheet HTML 7Page - Vishay Telefunken SIR484DP Datasheet HTML 8Page - Vishay Telefunken SIR484DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 69024
S-82664-Rev. A, 03-Nov-08
www.vishay.com
5
Vishay Siliconix
SiR484DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
10
20
30
40
50
60
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating, Junction-to-Case
0
10
20
30
40
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com