Electronic Components Datasheet Search
  English  ▼

X  

SIR484DP Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SIR484DP
Description  N-Channel 20-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR484DP Datasheet(HTML) 4 Page - Vishay Telefunken

  SIR484DP Datasheet HTML 1Page - Vishay Telefunken SIR484DP Datasheet HTML 2Page - Vishay Telefunken SIR484DP Datasheet HTML 3Page - Vishay Telefunken SIR484DP Datasheet HTML 4Page - Vishay Telefunken SIR484DP Datasheet HTML 5Page - Vishay Telefunken SIR484DP Datasheet HTML 6Page - Vishay Telefunken SIR484DP Datasheet HTML 7Page - Vishay Telefunken SIR484DP Datasheet HTML 8Page - Vishay Telefunken SIR484DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 69024
S-82664-Rev. A, 03-Nov-08
Vishay Siliconix
SiR484DP
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
0.7
1.0
1.3
1.6
1.9
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.006
0.012
0.018
0.024
0.030
012
3
45
67
8
910
TJ =25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
0.01
0.1
1
10
100
1000
Time (s)
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 µA
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
1s
10 s
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com