Electronic Components Datasheet Search
  English  ▼

X  

SFM4100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFM4100
Description  Calibrated and temperature compensated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM4100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFM4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.sensirion.com
Version 1.3 – January 2013
2/9
1. Sensor Performance
1.1
Physical specifications
Parameter 1
SFM4100
Measurement range
0-20 slm2
Calibration available
Air, N2, O2, N2O, Ar or CO2
Resolution
12 bits preset
(for 9–16 bits see documentation)
Zero point accuracy3,4
0.03 slm
Accuracy3,4
0.15% of full scale or 3% of reading,
whichever is bigger
Span repeatability
0.25% of reading or 5 sccm whichever
is bigger
Offset shift due to
temperature variation
2 sccm / °C
Span shift due to
temperature variation
< 0.1% of reading per °C
Offset stability
< 0.01 slm/year
Pressure drop at full
flow
<25mbar
Response time
4.6 ms @ 12-bit resolution
(See documentation for response times with
other resolutions, e.g. 1.3 ms with 10 bits)
Warm-up time for first
reliable measurement
Max. 500ms
in general 50 ms
1
Unless otherwise noted, all sensor specifications are at 23°C and
absolute pressure = 4,8 bar.
2
Reference conditions for standard liters per minute slm: 20°C,
1013mbar; sccm denotes standard cubic centimeters per minute
3
includes repeatability and hysteresis.
4
The zero-point accuracy and span accuracy are independent
uncertainties and add according to the principles of error propagation.
1.2
Ambient conditions
Parameter
SFM4100 Series
Media compatibility5
Noncorrosive gases and gas
mixtures
Limited media compatibility
corrosive Gases6
Calibrated temperature range5
0 °C to +50 °C
Operating temperature
-20 °C to +80 °C
Storage temperature5
-40 °C to +80 °C
Operating Pressure Range
0-6 bar gauge
Position sensitivity
Use flow horizontally, electronic
connector up
5
Contact Sensirion for information about other gases, wider calibrated
temperature ranges and higher storage temperatures.
6
For a limited time period, depending on chemical. Not recommended.
1.3
Materials
Parameter
SFM4100 Series
Wetted materials Si, Si
3
N
4
, SiOx, Gold, Viton
®, Epoxy, PA-
12, Stainless Steel, Nickel Plated Brass,
Nylon, Nitrile, coated Aluminium,
Oxygenoex
RoHS
fully RoHS compliant
2. Electrical Specifications
2.1
Power supply
The SFM4100 series sensors require a supply voltage
(VDD) between 3.5V and 9 V. For the power supply of the
level shifter (VLS) a voltage between 2.9V and 5.5V is
required. Please be aware that the VLS must be the same
as the voltage of SCK.
2.2
Electrical characteristics
Parameter
SFM4100
Supply voltage
3.5 – 9.0 VDD
Level Shifter Supply7
2.9 -5.5 VLS
Current drain
< 12.5 mA typical in operation
Interface
Digital 2-wire interface (I2C)
Bus clock frequency
SCL: 100 kHz typical
Default I2C address
per gas type
Air:
1 (0000001)
O2:
2 (0000010)
CO2:
3 (0000011)
N2O:
4 (0000100)
Ar:
5 (0000101)
Flow output signal
Flow in sccm = value received
 1
Flow in slm = value received / 1000
7
Same voltage as the communication level of the
P is required.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com