Electronic Components Datasheet Search
  English  ▼

X  

SFM4100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SFM4100
Description  Calibrated and temperature compensated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM4100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SFM4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.sensirion.com
Version 1.3 – January 2013
1/9
SFM4100 Series
Low-cost Digital Mass Flow Meter for Gases
Accuracy 3% m.v.
Digital output (I2C)
Multigas option available
Calibrated and temperature compensated
Excellent long-term stability
Downmount or legris carstick fittings
Product Summary
The SFM4100 gas flow meter series is designed as a
versatile OEM gas flow meter for demanding volume
applications.
The SFM4100 is designed to measure Air and non-
aggressive gases with excellent accuracy over a large
dynamic range. Mass flows ranges up to 20 slm are
available. The SFM4100 series operates with supply
voltage 5-9 VDC and through its digital I2C interface it can
be easily embedded into a microprocessor environment.
The sturdy design of the SFM4100 sensor allows for
operation pressures up to 10 barg. The flow signal is
internally lineralized and temperature compensated.
The outstanding performance of these sensors is based
on Sensirion’s patented CMOSens® sensor technology,
which combines the sensor element, signal processing
and digital calibration on a single microchip. The mass
flow is measured by a thermal method on the MEMS
sensor element. Compared to other thermal mass flow
sensors (MEMS, hotwire or capillary type) the SFM4100
features an extended dynamic range, higher long-term
stability, and improved repeatability.
The well-proven CMOS technology is perfectly suited for
high-quality mass production and is the ideal choice for
demanding and cost-sensitive OEM applications.
Applications
Medical (e.g. respiratory care, anesthesia)
Analytical Instruments
Leak testing
Process automation
Connection diagram
Sensor chip
The SFM4100 series features a fourth-generation silicon
sensor chip called SF04. In addition to a thermal mass
flow sensor element, the chip contains an amplifier, A/D
converter, EEPROM memory, digital signal processing
circuitry, and interface. The highly sensitive chip is
particularly sensitive at lowest flows, giving the SFM4100
sensor its large dynamic range.
SFM4100 OEM options
A variety of custom options such as other analog output,
different gases, flow ranges, multigas calibration can be
implemented
for
high-volume
OEM
applications
(>1000pc/y). Ask us for more information.
C
(master)
VDD=3.5-9V
VLS=2.9-5.5V
VDD
GND
SDA
SCK
SFM4100 series with bidirectional digital communication
(I2C bus)


Similar Part No. - SFM4100

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SFM4200 SENSIRION-SFM4200 Datasheet
499Kb / 13P
Digital Flow Meter for Air and Oxygen
Version 1.1 - Oct. 2017
SFM4200-AIR-DOWNMOUNT SENSIRION-SFM4200-AIR-DOWNMOUNT Datasheet
499Kb / 13P
Digital Flow Meter for Air and Oxygen
Version 1.1 - Oct. 2017
SFM4300 SENSIRION-SFM4300 Datasheet
1Mb / 23P
Flow Sensor for Gas Mixing Applications
Version 1.0 April 2022
SFM4300-20-B SENSIRION-SFM4300-20-B Datasheet
1Mb / 23P
Flow Sensor for Gas Mixing Applications
Version 1.0 April 2022
SFM4300-20-O SENSIRION-SFM4300-20-O Datasheet
1Mb / 23P
Flow Sensor for Gas Mixing Applications
Version 1.0 April 2022
More results

Similar Description - SFM4100

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0050D2 SENSORTECHNICS-26PC0050D2 Datasheet
55Kb / 4P
Temp. compensated and calibrated pressure sensors
RPOM050G6A SENSORTECHNICS-RPOM050G6A Datasheet
219Kb / 5P
Compensated and calibrated pressure sensors
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
Calibrated and temperature compensated digital output
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
Fully calibrated, linearized, and temperature compensated digital output
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
Compensated and Calibrated low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com